Electronic Components Datasheet Search
  English  ▼

X  

XP04286 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # XP04286
Description  Silicon NPN(PNP) epitaxial planer transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XP04286 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  XP04286 Datasheet HTML 1Page - Panasonic Semiconductor XP04286 Datasheet HTML 2Page - Panasonic Semiconductor XP04286 Datasheet HTML 3Page - Panasonic Semiconductor XP04286 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Composite Transistors
s Electrical Characteristics (Ta=25˚C)
q
Tr1
q
Tr2
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector to base voltage
VCBO
IC = –10µA, IE = 0
–50
V
Collector to emitter voltage
VCEO
IC = –2mA, IB = 0
–50
V
Collector cutoff current
ICBO
VCB = –50V, IE = 0
– 0.1
µA
ICEO
VCE = –50V, IB = 0
– 0.5
µA
Emitter cutoff current
IEBO
VEB = –6V, IC = 0
–1.5
mA
Forward current transfer ratio
hFE
VCE = –10V, IC = –5mA
30
Collector to emitter saturation voltage
VCE(sat)
IC = –10mA, IB = – 0.3mA
– 0.25
V
Output voltage high level
VOH
VCC = –5V, VB = – 0.5V, RL = 1kΩ
–4.9
V
Output voltage low level
VOL
VCC = –5V, VB = –2.5V, RL = 1kΩ
– 0.2
V
Input resistance
R1
–30%
1
+30%
k
Ω
Resistance ratio
R1/R2
0.1
Transition frequency
fT
VCB = –10V, IE = 1mA, f = 200MHz
80
MHz
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector to base voltage
VCBO
IC = 10µA, IE = 0
50
V
Collector to emitter voltage
VCEO
IC = 2mA, IB = 0
50
V
Collector cutoff current
ICBO
VCB = 50V, IE = 0
0.1
µA
ICEO
VCE = 50V, IB = 0
0.5
µA
Emitter cutoff current
IEBO
VEB = 6V, IC = 0
0.2
mA
Forward current transfer ratio
hFE
VCE = 10V, IC = 5mA
80
400
Collector to emitter saturation voltage
VCE(sat)
IC = 10mA, IB = 0.3mA
0.25
V
Output voltage high level
VOH
VCC = 5V, VB = 0.5V, RL = 1kΩ
4.9
V
Output voltage low level
VOL
VCC = 5V, VB = 2.5V, RL = 1kΩ
0.2
V
Input resistance
R1
–30%
4.7
+30%
k
Ω
Resistance ratio
R1/R2
0.1
Transition frequency
fT
VCB = 10V, IE = –2mA, f = 200MHz
150
MHz
XP04286



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com