Electronic Components Datasheet Search
  English  ▼

X  

XP04286 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # XP04286
Description  Silicon NPN(PNP) epitaxial planer transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XP04286 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  XP04286 Datasheet HTML 1Page - Panasonic Semiconductor XP04286 Datasheet HTML 2Page - Panasonic Semiconductor XP04286 Datasheet HTML 3Page - Panasonic Semiconductor XP04286 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Composite Transistors
XP04286
Silicon NPN epitaxial planer transistor (Tr1)
Silicon PNP epitaxial planer transistor (Tr2)
For switching/digital circuits
s Features
q
Two elements incorporated into one package.
(Transistors with built-in resistor)
q
Reduction of the mounting area and assembly cost by one half.
s Basic Part Number of Element
q
UN221N+UN1119
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Marking Symbol:
HO
Internal Connection
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
50
V
Collector to emitter voltage
VCEO
50
V
Collector current
IC
100
mA
Collector to base voltage
VCBO
–50
V
Collector to emitter voltage
VCEO
–50
V
Collector current
IC
–100
mA
Total power dissipation
PT
150
mW
Junction temperature
Tj
150
˚C
Storage temperature
Tstg
–55 to +150
˚C
Tr1
Overall
Tr2
1
Tr2
Tr1
2
34
5
6
1 : Emitter (Tr1)
4 : Emitter (Tr2)
2 : Base (Tr1)
5 : Base (Tr2)
3 : Collector (Tr2) 6 : Collector (Tr1)
EIAJ : SC–88
S–Mini Type Package (6–pin)
2.1
±0.1
1.25
±0.1
0.425
0.425
1
2
3
6
5
4
0.2
±0.1


Similar Part No. - XP04286

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP04211 PANASONIC-XP04211 Datasheet
33Kb / 3P
Silicon NPN epitaxial planer transistor
XP04212 PANASONIC-XP04212 Datasheet
86Kb / 3P
Silicon NPN epitaxial planar type
XP04213 PANASONIC-XP04213 Datasheet
85Kb / 3P
Silicon NPN epitaxial planar type
XP04215 PANASONIC-XP04215 Datasheet
85Kb / 3P
Silicon NPN epitaxial planar type
More results

Similar Description - XP04286

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XN04A88 PANASONIC-XN04A88 Datasheet
51Kb / 4P
Silicon NPN(PNP) epitaxial planer transistor
XN1601 PANASONIC-XN1601 Datasheet
60Kb / 5P
Silicon PNP(NPN) epitaxial planer transistor
XN4311 PANASONIC-XN4311 Datasheet
52Kb / 4P
Silicon NPN(PNP) epitaxial planer transistor
XN4314 PANASONIC-XN4314 Datasheet
52Kb / 4P
Silicon NPN(PNP) epitaxial planer transistor
XN4381 PANASONIC-XN4381 Datasheet
52Kb / 4P
Silicon NPN(PNP) epitaxial planer transistor
XP0431N PANASONIC-XP0431N Datasheet
52Kb / 4P
Silicon NPN(PNP) epitaxial planer transistor
XP1C301 PANASONIC-XP1C301 Datasheet
56Kb / 5P
Silicon PNP(NPN) epitaxial planer transistor
XP4312 PANASONIC-XP4312 Datasheet
110Kb / 5P
Silicon NPN(PNP) epitaxial planer transistor
XP4401 PANASONIC-XP4401 Datasheet
42Kb / 3P
Silicon NPN(PNP) epitaxial planer transistor
XP4654 PANASONIC-XP4654 Datasheet
60Kb / 4P
Silicon NPN(PNP) epitaxial planer transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com