Electronic Components Datasheet Search
  English  ▼

X  

LM2902DT Datasheet(PDF) 10 Page - STMicroelectronics

Part # LM2902DT
Description  Low-power quad operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902DT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LM2902DT Datasheet HTML 6Page - STMicroelectronics LM2902DT Datasheet HTML 7Page - STMicroelectronics LM2902DT Datasheet HTML 8Page - STMicroelectronics LM2902DT Datasheet HTML 9Page - STMicroelectronics LM2902DT Datasheet HTML 10Page - STMicroelectronics LM2902DT Datasheet HTML 11Page - STMicroelectronics LM2902DT Datasheet HTML 12Page - STMicroelectronics LM2902DT Datasheet HTML 13Page - STMicroelectronics LM2902DT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
6
Typical single-supply applications
Figure 19. AC coupled inverting amplifier
Rf
100 kΩ
Cl
R1
10 kΩ
1/4
LM2902
Co
0
2VPP
eo
RL
10 kΩ
el
RB
6.2 kΩ
R3
100 kΩ
R2
100 kΩ
Vcc+
C1
10 µF
~
AV=-
R2
R1
(as shown AV=-10)
Figure 20. AC coupled non-inverting amplifier
1/4
LM2902
~
0
2 VPP
R
10 kΩ
L
Co
eo
R
6.2 kΩ
B
C1
0.1 µF
eI
VCC
(
= 11)
V
A = 1 + R2
R1
V
R1
100 kΩ
R2
1 MΩ
CI
R3
1 MΩ
R4
100 kΩ
R5
100 kΩ
C2
10 µF
as shown A
Figure 21. Non-inverting DC gain
R1
10 kΩ
R2
1 MΩ
1/4
LM2902
10 k
e I
eo
+5 V
(mV)
0
AV =1 +
R2
R1
(as shown A = 101)
V
Ω
Figure 22. DC summing amplifier
eO
e4
e3
e2
e 1
where (e1 + e2) ≥ (e3 + e4)
e0 = e1 + e2 - e3 - e4
to keep e0 ≥ 0 V
100 kΩ
100 kΩ
100 kΩ
100 kΩ
100 kΩ
1/4
LM2902
100 kΩ
Figure 23. Active bandpass filter
R3
10 kΩ
1/4
LM2902
e1
eO
R8
100 kΩ
R7
100kΩ
C3
10µF
VCC
R5
470 kΩ
C2
330 pF
R4
10 MΩ
R6
470 kΩ
R1
100 kΩ
C1
330 pF
1/4
LM2902
1/4
LM2902
Fo = 1 kHz
Q = 50
Av = 100 (40 dB)
Figure 24. High input Z adjustable gain DC
instrumentation amplifier
R3
100 kΩ
eO
R1
100 kΩ
e 1
1/4
LM2902
R7
100 kΩ
R6
100 kΩ
R5
100 kΩ
e 2
R2
2 kΩ
Gain adjust
R4
100 kΩ
1/4
LM2902
1/4
LM2902
If R1 = R5 and R3 = R4 = R6 = R7
As shown eo = 101 (e2 - e1)
R2
eo = [1 + 2R1] (e2 - e1)
LM2902
Typical single-supply applications
DS0506 - Rev 9
page 10/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com