Electronic Components Datasheet Search
  English  ▼

X  

LM2902DT Datasheet(PDF) 19 Page - STMicroelectronics

Part # LM2902DT
Description  Low-power quad operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902DT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LM2902DT Datasheet HTML 12Page - STMicroelectronics LM2902DT Datasheet HTML 13Page - STMicroelectronics LM2902DT Datasheet HTML 14Page - STMicroelectronics LM2902DT Datasheet HTML 15Page - STMicroelectronics LM2902DT Datasheet HTML 16Page - STMicroelectronics LM2902DT Datasheet HTML 17Page - STMicroelectronics LM2902DT Datasheet HTML 18Page - STMicroelectronics LM2902DT Datasheet HTML 19Page - STMicroelectronics LM2902DT Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Revision history
Table 9. Document revision history
Date
Revision
Changes
30-Nov-2001
1
Initial release.
01-Jul-2005
2
PPAP references inserted in the datasheet, see Table 3: Order codes.
ESD protection inserted in Table 1 on page 4.
31-Oct-2005
3
An error in the device description was corrected on page 1.
PPAP reference inserted in the datasheet see Table 3: Order codes.
Minor grammatical and formatting changes throughout.
18-Jun-2007
4
Values for thermal resistance junction to ambient and ESD HBM corrected in Table 1: Absolute maximum ratings
(AMR).
Values for thermal resistance junction to case added in Table 1: Absolute maximum ratings (AMR).
Table 2: Operating conditions added.
Electrical characteristics figure captions updated.
Section 6: Package information updated.
Table 3: Order codes moved to end of document.
18-Dec-2007
5
Removed power dissipation parameter from AMR table and added maximum junction temperature.
Updated footnotes for automotive grade order codes.
Updated format of package information.
16-Feb-2012
6
Added AMR values for input current in Table 1 on page 4.
Added QFN16 3 x 3 mm package information in Chapter 7: Ordering information.
Removed LM2902YD order code from Table 3 and changed status of LM2902YPT order code.
29-Jan-2013
7
Small text/layout changes in Features and Description.
Updated Figure 2: Pin connections (top view).
Table 3: VCC+ = 5V, VCC- = Ground, Vo = 1.4V, Tamb = 25° C (unless otherwise specified): DVio replaced by
DVio/DT.
Replaced SO-14 package silhouette, package mechanical drawing (Figure 29) and package mechanical data
(Table 5).
11-Jan-2017
8
Removed DIP package.
Figure 2. Schematic diagram (1/4 LM2902): removed two diodes
Table 1. Absolute maximum ratings (AMR): updated value of VCC
Updated TSSOP14 package for L and aaa parameters
31-Aug-2022
9
Added Section 7.4 QFN16 3x3 wettable flank package information
Updated Section 8 Ordering information
LM2902
DS0506 - Rev 9
page 19/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com