Electronic Components Datasheet Search
  English  ▼

X  

LM2902DT Datasheet(PDF) 4 Page - STMicroelectronics

Part # LM2902DT
Description  Low-power quad operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902DT Datasheet(HTML) 4 Page - STMicroelectronics

  LM2902DT Datasheet HTML 1Page - STMicroelectronics LM2902DT Datasheet HTML 2Page - STMicroelectronics LM2902DT Datasheet HTML 3Page - STMicroelectronics LM2902DT Datasheet HTML 4Page - STMicroelectronics LM2902DT Datasheet HTML 5Page - STMicroelectronics LM2902DT Datasheet HTML 6Page - STMicroelectronics LM2902DT Datasheet HTML 7Page - STMicroelectronics LM2902DT Datasheet HTML 8Page - STMicroelectronics LM2902DT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
3
Absolute maximum ratings and operating conditions
Table 1. Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
± 16 to 32
V
Vid
Differential input voltage (2)
32
Vin
Input voltage
-0.3 to 32
Output short-circuit duration (3)
Infinite
s
Tj
Maximum junction temperature
150
° C
Tstg
Storage temperature range
-65 to 150
Iin
Input current : Vin driven negative (4)
5 in DC or 50 in AC (duty cycle = 10 %, T = 1 s)
mA
Input current : Vin driven positive above AMR value (5)
0.4
Rthja
Thermal resistance junction-to-ambient (6)
SO14
105
° C/W
TSSOP14
100
QFN16 3x3
45
Rthjc
Thermal resistance junction-to-case
SO14
31
TSSOP14
32
QFN16 3x3
14
ESD
HBM: human body model (7)
370
V
MM: machine model (8)
150
CDM: charged device model (9)
1500
1. All voltage values, except the differential voltage are with respect to the network ground terminal.
2. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
3. Short-circuits from the output to VCC + can cause excessive heating and eventual destruction. The maximum output current is approximately
20 mA, independent of the magnitude of VCC +.
4. This input current only exists when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of the
input PNP transistor becoming forward-biased and thereby acting as an input diode clamp. In addition to this diode action, there is an NPN
parasitic action on the IC chip. This transistor action can cause the output voltages of the op amps to go to the VCC voltage level (or to
ground for a large overdrive) for the time during which an input is driven negative. This is not destructive and normal output is restored for
input voltages above -0.3 V.
5. The junction base/substrate of the input PNP transistor polarized in reverse must be protected by a resistor in series with the inputs to limit
the input current to 400 µ A max (R = (Vin - 36 V)/400 µ A).
6. Rthja/c are typical values.
7. Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a 1.5 kΩ resistor between two pins of
the device. This is done for all couples of connected pin combinations while the other pins are floating.
8. Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between two pins of the device with no
external series resistor (internal resistor < 5 Ω). This is done for all couples of connected pin combinations while the other pins are floating.
9. Charged device model: all pins and the package are charged together to the specified voltage and then discharged directly to the ground
through only one pin. This is done for all pins.
Table 2. Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
3 to 30
V
Vicm
Common mode input voltage range
(VCC +) - 1.5
Tmin ≤ Tamb ≤ Tmax
(VCC +) - 2
Toper
Operating free-air temperature range
-40 to 125
° C
LM2902
Absolute maximum ratings and operating conditions
DS0506 - Rev 9
page 4/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com