Electronic Components Datasheet Search
  English  ▼

X  

G684 Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part # G684
Description  Microprocessor Reset IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G684 Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

  G684 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G684 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G684 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G684 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G684 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G684 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G684 Datasheet HTML 7Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Ver: 1.2
Jun 03, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G684/G685
Global Mixed-mode Technology Inc.
Typical Operating Characteristics
(VCC = full range, TA = -40°C to +105°C, unless otherwise noted. Typical values are at TA = +25°C, VCC = 5V
for 463/438/400/330 versions, VCC= 3.3V for 308/293 versions, and VCC = 3V for 263 version.)
Functional Diagram
Figure 1
0
1
2
3
4
5
6
7
8
0 0.6 1 1.2 1.5 1.8 2.1 2.4 2.7 3 3.2 3.3 3.4 3.5 3.7 3.9 4 4.5 5 5.5 6
VCC (V)
0.96
0.97
0.98
0.99
1
1.01
1.02
1.03
1.04
1.05
1.06
-40 -30 -20 -10
0
10 202730 4050 6070 8090
TA, Ambient Temperature (°C)
0
1
2
3
4
5
6
7
-40
-20
0
20
406080
Temperature (°C)
Supply Current vs. VCC
Supply Curremt vs. Temperature (No Load)
VCC=3.3V
VCC=5V
VCC=2.5V
Normalized Reset Threshold vs. Temperature
VT
VTH
() is for G684H
5
VCC
VTH
RESET
4
2 GND
+
RD
5
VCC
VTH
RESET
(RESET)
4
2 GND
+
RD
*
() is for G684H
5
VCC
VTH
RESET
4
2 GND
+
RD
5
VCC
VTH
RESET
(RESET)
4
2 GND
+
RD
*



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com