Electronic Components Datasheet Search
  English  ▼

X  

G684 Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G684
Description  Microprocessor Reset IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G684 Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

  G684 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G684 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G684 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G684 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G684 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G684 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G684 Datasheet HTML 7Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ver: 1.2
Jun 03, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G684/G685
Global Mixed-mode Technology Inc.
Interfacing to µPs with Bidirectional Reset Pins
Since the RESET output on the G685L is open drain,
this device interfaces easily with µPs that have bidirec-
tional reset pins, such as the Motorola 68HC11. Connect-
ing the µP supervisor’s RESET output directly to the
microcontroller’s (µC’s) RESET pin with a single pull-up
resistor allows either device to assert reset (Figure 3).
Figure 3. Interfacing to µPs with Bidirectional Reset
I/O
G685L Open-Drain RESET Output Allows Use with
Multiple Supplies
Generally, the pull-up connected to the G685L will
connect to the supply voltage that is being monitored at
the IC’s VCC pin. However, some systems may use the
open-drain output to level-shift from the monitored sup-
ply to reset circuitry powered by some other supply
(Figure 4). Note that as the G685L’s VCC decreases
below 1V, so does the IC’s ability to sink current at
RESET . Also, with any pull-up, RESET will be pulled
high as VCC decays toward 0. The voltage where this
occurs depends on the pull-up resistor value and the
voltage to which it is connected.
Figure 4. G685L Open-Drain RESET Output Allows
Use with Multiple Supplies
Benefits of Highly Accurate Reset Threshold
Most µP supervisor ICs have reset threshold voltages
between 5% and 10% below the value of nominal sup-
ply voltages. This ensures a reset will not occur within
5% of the nominal supply, but will occur when the sup-
ply is 10% below nominal.
When using ICs rated at only the nominal supply ±5%,
this leaves a zone of uncertainty where the supply is
between 5% and 10% low, and where the reset may or
may not be asserted.
The G68_ _463/G68_ _308 use highly accurate circuitry to
ensure that reset is asserted close to the 5% limit, and
long before the supply has declined to 10% below nominal.
RESET
INPUT
GND
µP
V
CC
RESET
GND
G685
V
CC
V
CC
MOTOROLA
68HCXX
RPULL-UP
RESET
INPUT
GND
µP
V
CC
RESET
GND
G685
V
CC
V
CC
MOTOROLA
68HCXX
RPULL-UP
RESET
INPUT
GND
5V SYSTEM
V
CC
RESET
GND
G685
V
CC
RPULL-UP
+3.3V
+5.0
RESET
INPUT
GND
5V SYSTEM
V
CC
V
CC
RPULL-UP
+3.3V
+5.0V
RESET
INPUT
GND
5V SYSTEM
V
CC
RESET
GND
G685
V
CC
RPULL-UP
+3.3V
+5.0
RESET
INPUT
GND
5V SYSTEM
V
CC
V
CC
RPULL-UP
+3.3V
+5.0V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com