Electronic Components Datasheet Search
  English  ▼

X  

G684 Datasheet(PDF) 5 Page - Global Mixed-mode Technology Inc

Part # G684
Description  Microprocessor Reset IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G684 Datasheet(HTML) 5 Page - Global Mixed-mode Technology Inc

  G684 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G684 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G684 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G684 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G684 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G684 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G684 Datasheet HTML 7Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Ver: 1.2
Jun 03, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G684/G685
Global Mixed-mode Technology Inc.
Pin Description
PIN
NAME
FUNCTION
1
N.C.
No Connection.
2,3
GND
Ground
RESET
(G684L/G685L)
RESET
Output remains low while VCC is below the reset threshold, and for 2ms typical after VCC
rises above the reset threshold.
4
RESET (G684H)
RESET Output remains high while VCC is below the reset threshold, and for 2ms typical after VCC
rises above the reset threshold.
5
VCC
Supply Voltage (+5V, +3.3V, +3.0V)
Detailed Description
A microprocessor’s (µP’s) reset input starts the µP in a
known state. The G685L/G684L/G684H assert reset to
prevent
code-execution
errors
during
power-up,
power-down, or brownout conditions. They assert a
reset signal whenever the VCC supply voltage declines
below a preset threshold (VTH-), VCC has risen above
the high reset threshold VTH+ (VTH-+VHYS). The G685L
uses an open-drain output, and the G684L/G684H
have a push-pull output stage. Connect a pull-up resistor
on the G685L’s RESET output to any supply between 0
and 5.5V.
Ensuring a Valid Reset Output Down to VCC = 0
When VCC falls below 0.8V, the G684 RESET output
no longer sinks current—it becomes an open circuit.
Therefore, high-impedance CMOS logic inputs con-
nected to RESET can drift to undetermined voltages.
This presents no problem in most applications since
most µP and other circuitry is inoperative with VCC be-
low 0.8V. However, in applications where RESET ust
be valid down to 0V, adding a pull-down resistor to
RESET causes any stray leakage currents to flow to
ground, holding RESET low (Figure 2). R1’s value is
not critical; 100k
Ω is large enough not to load RESET
and small enough to pull RESET to ground.
A 100k
Ω pull-up resistor to VCC is also recommended
for the G685L if RESET is required to remain valid for
VCC < 0.8V.
Figure2. RESET Valid to VCC = Ground Circuit
V
CC
RESET
GND
G684
R1
100k
V
CC
RESET
GND
G684
R1
100k



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com