Electronic Components Datasheet Search
  English  ▼

X  

G924 Datasheet(PDF) 3 Page - Global Mixed-mode Technology Inc

Part # G924
Description  300mA Low-Noise LDO Regulators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G924 Datasheet(HTML) 3 Page - Global Mixed-mode Technology Inc

  G924 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G924 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G924 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G924 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G924 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G924 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G924 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G924 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G924 Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Ver: 0.2 Preliminary
Oct 01, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G924
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
VIN to GND.………………………………-0.3V to +6.5V
Output Short-Circuit Duration…….….……….…Infinite
SHDN to GND……..………....….….-0.3V to VIN+0.3V
OUT to GND………………………-0.3V to (VIN + 0.3V)
Continuous Power Dissipation (TA = +25°C)
SOT-23-5………..…………..……….……….…520mW
Operating Temperature Range…….....-40°C to +85°C
Junction Temperature………………...………+150°C
θJA
(1)….…..…………….……….…..…..240°C/Watt
Storage Temperature Range……….-65°C to +150°C
Reflow Temperature (soldering, 10sec)…..…….260°C
Note (1): See Recommended Minimum Footprint
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Electrical Characteristics
(VIN =5V, V SHDN =VIN, TA =TJ =25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITION
MIN TYP MAX UNIT
Input Voltage (Note 2)
VIN
2.5
---
5.5
V
VOUT≥2.50V, IOUT=1mA
-2
---
2
2.50V>VOUT≥1.80V, IOUT=1mA
-3
---
3
Output Voltage Accuracy
VOUT
1.80V>VOUT≥1.20V, IOUT=1mA
-4
---
4
%
Maximum Output Current
300
---
---
mA
Current Limit (Note 3)
ILIM
400
550
---
mA
Short Circuit Current
Isc
---
280
---
mA
Ground Pin Current
IQ
---
90
---
µA
VOUT=1.50V
---
1.36
---
VOUT=1.80V
---
1.10
---
VOUT=2.50V
---
0.58
---
VOUT=3.00V
---
0.41
---
VOUT=3.30V
---
0.36
---
VOUT=4.75V
---
0.25
---
Dropout Voltage (Note 4)
VDROP
IOUT =300mA
VOUT=5.00V
---
0.24
---
V
Line Regulation
∆VLNR
VIN=VOUT+0.1V,to 5.5V IOUT=10mA
---
0.06
---
%/V
Load Regulation
∆VLDR
IOUT = 10mA to 300mA
---
0.02
---
%/mA
Ripple Rejection
PSRR
F=1kHz, 0.45VP-P, IOUT=10mA
---
53
---
dB
Output Voltage Noise
(10Hz to 100kHz)
en
COUT = 1µF, IOUT = 1mA, CBYP = 10nF
---
28
---
µVRMS
SHUTDOWN
VIH
Regulator enabled
1.5
---
---
SHDN
Input Threshold
VIL
Regulator shutdown
---
---
0.4
V
SHDN
Input Bias Current
I SHDN
V SHDN = VIN
TA = +25°C
---
0.003
1
µA
Shutdown Supply Current
IQSHDN
VOUT = 0V
TA = +25°C
---
0.2
1
µA
THERMAL PROTECTION
Thermal Shutdown Temperature
TSHDN
---
145
---
°C
Thermal Shutdown Hysteresis
∆TSHDN
---
25
---
°C
Note 1: Limits is 100% production tested at TA= +25°C. Low duty pulse techniques are used during test to
maintain junction temperature as close to ambient as possible.
Note 2: Guaranteed by line regulation test.
Note 3: Not tested. For design purposes, the current limit should be considered 400mA minimum.
Note 4: The dropout voltage is defined as (VIN-VOUT) when VOUT is 100mV below the target value of VOUT. The per-
formance of every G924 part, see “Typical Performance Characteristics”.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com