Electronic Components Datasheet Search
  English  ▼

X  

G924 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G924
Description  300mA Low-Noise LDO Regulators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G924 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G924 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G924 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G924 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G924 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G924 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G924 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G924 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G924 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G924 Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Ver: 0.2 Preliminary
Oct 01, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G924
Global Mixed-mode Technology Inc.
300mA Low-Noise LDO Regulators
Features
Low, 90µA No-Load Supply Current
Guaranteed 300mA Output Current
Dropout Voltage is 200mV @ 150mA Load
PSRR=53dB @ 1kHz
Over-Temperature Protection and Short-Circuit
Protection
Max. Supply Current in Shutdown Mode < 1µA
Low Output Noise at 28µVRMS
Stable with low cost ceramic capacitors
Output voltage: 1.20V~5.00V
Applications
Notebook Computers
Cellular Phones
PDAs
Digital still Camera and Video Recorders
Hand-Held Devices
Audio Codec
General Description
The G924 is a low supply current, low dropout linear
regulator that comes in a space saving SOT-23-5
package. The supply current at no-load is 90µA. In the
shutdown mode, the maximum supply current is less
than 1µA. Operating voltage range of the G924 is from
2.5V to 5.5V. The over-current protection limit is set at
550mA typical and 400mA minimum. An over-tem-
perature protection circuit is built-in in the G924 to
prevent thermal overload. These power saving
features make the G924 ideal for use in the battery-
powered applications such as notebook computers,
cellular phones, and PDA’s.
Pin Configuration
Typical Application Circuit
OUT
BYP
SOT-23-5
G924
5
4
1
2
3
GND
SHDN
VIN
OUT
GND
SHDN
G924
C
IN
1µF
+
_
BATTERY
OUTPUT
VOLTAGE
COUT
1µF
Fixed mode
BYP
CBYP
10nF
VIN
OUT
BYP
SOT-23-5
G924
5
4
1
2
3
GND
SHDN
VIN
OUT
GND
SHDN
G924
C
IN
1µF
+
_
BATTERY
OUTPUT
VOLTAGE
COUT
1µF
Fixed mode
BYP
CBYP
10nF
VIN


Similar Part No. - G924

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G924 GMT-G924_15 Datasheet
111Kb / 2P
300mA Low-Noise LDO Regulators
More results

Similar Description - G924

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
300mA, Low Noise, Micropower LDO Regulators
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
300mA Low-Noise LDO Regulators
logo
Silicon Standard Corp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
300mA Low-Noise LDO Regulators
logo
Linear Technology
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
300mA, Low Noise, Micropower LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Linear Technology
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
300mA, Low Noise, Micropower LDO Regulators
logo
Global Mixed-mode Techn...
G924 GMT-G924_15 Datasheet
111Kb / 2P
300mA Low-Noise LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
300mA Low-Noise LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com