Electronic Components Datasheet Search
  English  ▼

X  

G924 Datasheet(PDF) 8 Page - Global Mixed-mode Technology Inc

Part # G924
Description  300mA Low-Noise LDO Regulators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G924 Datasheet(HTML) 8 Page - Global Mixed-mode Technology Inc

  G924 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G924 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G924 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G924 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G924 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G924 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G924 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G924 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G924 Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ver: 0.2 Preliminary
Oct 01, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
8
G924
Global Mixed-mode Technology Inc.
Layout Guide
An input capacitance of 1µF is required between the
G924 input pin and ground (the amount of the capaci-
tance may be increased without limit), This capacitor
must be located a distance of not more than 1cm from
the input and return to a clean analog ground.
Input capacitor can filter out the input voltage spike
caused by the surge current due to the inductive effect
of the package pin and the printed circuit board’s rout-
ing wire. Otherwise, the actual voltage at the IN pin
may exceed the absolute maximum rating.
The output capacitor also must be located a distance
of not more than 1cm from output to a clean analog
ground. Because it can filter out the output spike
caused by the surge current due to the inductive effect
of the package pin and the printed circuit board’s rout-
ing wire.
Recommend Minimum Footprint
SOT-23-5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com