Electronic Components Datasheet Search
  English  ▼

X  

175507 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 175507
Description  MULTILOCK Connector System
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

175507 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  175507 Datasheet HTML 1Page - TE Connectivity Ltd 175507 Datasheet HTML 2Page - TE Connectivity Ltd 175507 Datasheet HTML 3Page - TE Connectivity Ltd 175507 Datasheet HTML 4Page - TE Connectivity Ltd 175507 Datasheet HTML 5Page - TE Connectivity Ltd 175507 Datasheet HTML 6Page - TE Connectivity Ltd 175507 Datasheet HTML 7Page - TE Connectivity Ltd 175507 Datasheet HTML 8Page - TE Connectivity Ltd 175507 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
.070 Receptacle Contacts (for 16 Position Plug, 174147-2)
MULTILOCK Connector System
.040 MULTILOCK Connectors
Section Catalog 1654355-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 5 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
5-4
Technical Features
Contact Material:
Copper Alloy
Contact Finishes:
Pre-tin plated
Selective gold plated
Application Specifications:
114-5109
114-5156
Instruction Sheet:
411-5422
Finish
Wire Insulation
Diameter
(mm)
Wire Size Range
(mm2)
(AWG)
Part Numbers
Strip Form
Loose-Piece
Hand Tool
0.5–2.0
20–14
2.2–2.9
Copper Alloy, pre-tinned
173708-1
175081-1
911771-1
Copper Alloy, selective gold
173708-2
175081-2
0.50–1.25
20–16
1.3–2.1
Copper Alloy, pre-tinned
175221-1
–
Note: All Part Numbers are RoHS and ELV compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com