Electronic Components Datasheet Search
  English  ▼

X  

175507 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 175507
Description  MULTILOCK Connector System
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

175507 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  175507 Datasheet HTML 1Page - TE Connectivity Ltd 175507 Datasheet HTML 2Page - TE Connectivity Ltd 175507 Datasheet HTML 3Page - TE Connectivity Ltd 175507 Datasheet HTML 4Page - TE Connectivity Ltd 175507 Datasheet HTML 5Page - TE Connectivity Ltd 175507 Datasheet HTML 6Page - TE Connectivity Ltd 175507 Datasheet HTML 7Page - TE Connectivity Ltd 175507 Datasheet HTML 8Page - TE Connectivity Ltd 175507 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
Introduction
MULTILOCK Connector System
.040 MULTILOCK Connectors
Section Catalog 1654355-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 5 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
5-1
Features
I
Contacts are spaced at
2.5 mm centerline.
I
Connectors are easy to
handle.
I
Connectors are consisted
of plug housings, receptacle
contacts for wire termination,
and cap housing assemblies
for horizontal and vertical
mountings on PC boards.
I
The contacting point of a
receptacle contact is
designed to be protected.
I
The plug housings are
provided with double-lock
mechanism integrated into
the body which ensures
complete contact insertions
into housings.
I
The cap housing assemblies
of 36, 48, 64 Positions of
horizontal board mounting
types are also available with
hybrid styles to accept signal
circuits with .040 series and
power circuits with .070.
Application Specifications:
114-5108 (.040 Tab Contact)
114-5094 (.040 Rec. Contact)
114-5162 (.040 Rec. Contact)
114-5109 (.070 Rec. Contact)
114-5156 (.070 Rec. Contact)
Product Specifications:
108-5244 (Wire to Board)
108-5352 (Wire to Wire)
108-5471 (Wire to Wire, 14 Pos.)
Instruction Sheet:
411-5883
Available No. of Positions for
Wire-to-Wire Applications:
2, 4, 12, 14, 20
Wire-to-Board Applications:
8, 12, 14, 16, 20, 28, 36, 48, 64
.040 MULTILOCK
Connectors are Wire-to-
Wire and Wire-to-Board
Connectors widely
used for Automotive
Applications.


Similar Part No. - 175507

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1755075 PHOENIX-1755075 Datasheet
43Kb / 2P
Printed-circuit board connector - MSTBV 2,5/13-G-5,08 BK AU
More results

Similar Description - 175507

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CHM ITT-CHM Datasheet
2Mb / 36P
2.0 CONNECTOR SYSTEM
logo
Tyco Electronics
1123387-1 MACOM-1123387-1 Datasheet
46Kb / 1P
040III MULTILOCK CONNECTOR
316991-6 MACOM-316991-6 Datasheet
71Kb / 1P
MULTILOCK Connectors and Contacts
logo
List of Unclassifed Man...
174922-1 ETC2-174922-1 Datasheet
26Kb / 1P
.070 MULTILOCK Connectors Wire to wire Applications
logo
Tyco Electronics
1565543-1 MACOM-1565543-1 Datasheet
57Kb / 1P
12POSITIONS CAP HOUSING ASSEMBLY 040 MULTILOCK CONNECTOR MK-II VERTICAL TYPE
logo
Molex Electronics Ltd.
0151340405 MOLEX1-0151340405 Datasheet
47Kb / 1P
PicoBlade Connector System
0151340606 MOLEX1-0151340606 Datasheet
46Kb / 1P
PicoBlade Connector System
0151340701 MOLEX1-0151340701 Datasheet
46Kb / 1P
PicoBlade Connector System
0151340706 MOLEX1-0151340706 Datasheet
46Kb / 1P
PicoBlade Connector System
logo
TE Connectivity Ltd
2822343-1 TEC-2822343-1 Datasheet
293Kb / 5P
Housing for Female Terminals, Wire-to-Wire, 7 Position, .079 in [2 mm] Centerline, Sealable, Green, Power, Multilock Connector System
12/19/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com