Electronic Components Datasheet Search
  English  ▼

X  

175507 Datasheet(PDF) 61 Page - TE Connectivity Ltd

Part # 175507
Description  MULTILOCK Connector System
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

175507 Datasheet(HTML) 61 Page - TE Connectivity Ltd

Back Button 175507 Datasheet HTML 57Page - TE Connectivity Ltd 175507 Datasheet HTML 58Page - TE Connectivity Ltd 175507 Datasheet HTML 59Page - TE Connectivity Ltd 175507 Datasheet HTML 60Page - TE Connectivity Ltd 175507 Datasheet HTML 61Page - TE Connectivity Ltd 175507 Datasheet HTML 62Page - TE Connectivity Ltd 175507 Datasheet HTML 63Page - TE Connectivity Ltd 175507 Datasheet HTML 64Page - TE Connectivity Ltd 175507 Datasheet HTML 65Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 80 page
background image
.025 (0.64 mm) / .40 III (1.0 mm) Wire-to-Board Applications
MULTILOCK Connector System
.025 (0.64 mm) Series Connectors
Section Catalog 1654355-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 5 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
5-61
Technical Features
No. of Positions:
167 Positions
Housing Materials:
SPS
PBT
Wire Size Range:
0.13 – 0.5 mm2
Product Specification:
108-5674
Application Specifications:
114-5217
114-5250
No. of
Terminate
Plug
Cap Housing
Cap Housing
Positions
To
Assembly
Cap Housing
Horizontal Mount
Vertical Mount
Mating Plug
167
Board
6318813-3
1612435-4
31
1123341-1 2)
1674919-1 3)
32
1123339-1 2)
1674922-1 3)
34
1123337-1 2)
1674925-1 3)
35
1123338-1 2)
key A
1674558-1 3)
35
1123340-1 2)
key B
1674928-1 3)
2) Contact Lance Version
3) Housing Lance Version
Note: All Part Numbers are RoHS and ELV compliant.
1123337
1123339
1123341
1123338
1123340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com