Electronic Components Datasheet Search
  English  ▼

X  

LT4294 Datasheet(PDF) 18 Page - Analog Devices

Part # LT4294
Description  8/16-Port IEEE 802.3at PoE PSE Controller with Power Management and LED Control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4294 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT4294 Datasheet HTML 14Page - Analog Devices LT4294 Datasheet HTML 15Page - Analog Devices LT4294 Datasheet HTML 16Page - Analog Devices LT4294 Datasheet HTML 17Page - Analog Devices LT4294 Datasheet HTML 18Page - Analog Devices LT4294 Datasheet HTML 19Page - Analog Devices LT4294 Datasheet HTML 20Page - Analog Devices LT4294 Datasheet HTML 21Page - Analog Devices LT4294 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Figure 11. Type 1 or 2 PSE, 1-Event Class Sequence
LTC9101-3/LTC9103
18
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
91013 F12
VCLASSMIN
VMARKMAX
VSIGMIN
VRESET
DETECT
1ST
CLASS
1ST
MARK
2ND
MARK
2ND
CLASS
POWER ON
Figure 12. Type 2 PSE, 2-Event Class Sequence
91013 F11
VCLASSMIN
VMARKMAX
VSIGMIN
VRESET
DETECT
CLASS
POWER ON
The concept of demotion is introduced in 802.3at. A
Type 2 PD may be connected to a PSE only capable of
delivering 13W, perhaps due to power management lim-
itations. In this case, the PSE will perform a single classi-
fication event as shown in Figure 11, and note that 25.5W
is requested. Due to the limited power availability, the
PSE will not issue a second event and proceeds directly
to power on the PD. The presence of a single class event
informs the Type 2 PD it has been demoted to 13W. If
demoted, the PD is subject to power limitations and may
operate in a reduced power mode.
Invalid Type 2 Class Combinations
The 802.3at specification defines a Type 2 PD class signa-
ture as two consecutive Class 4 results; a Class 4 followed
by a Class 0-3 is not a valid signature. The LTC9101-3/
LTC9103 will not provide power to a PD with an invalid
class signature.
POWER CONTROL
The primary function of the LTC9101-3/LTC9103 is to
control power delivery to the PSE port. It does this by
controlling the gate drive voltage of an external power
MOSFET while monitoring the current (through an exter-
nal sense resistor) and the output voltage (across the
OUT pin).
The LTC9101-3/LTC9103 connects the VEE power sup-
ply to the PSE port in a controlled manner, meeting the
power demands of the PD while minimizing power dis-
sipation in the external MOSFET and disturbances to the
VEE backplane.
Inrush Control
When commanded to apply power to a port, the
LTC9101-3/LTC9103 ramps up the GATE pin, raising the
external MOSFET gate voltage in a controlled manner.
During a typical inrush, the MOSFET gate voltage will rise
until the external MOSFET is fully enhanced or the port
reaches the inrush current limit (IINRUSH). IINRUSH is set
automatically by the PSE. The GATE pin will be servoed
if port current exceeds IINRUSH, actively limiting current
to IINRUSH. When the GATE pin is not being servoed, the
final VGS is 12V (typical).
During inrush, the port runs a timer (tSTART). The port
stays in inrush until tSTART expires. When tSTART expires,
the PSE inspects port voltage and current. When the PSE
is applying power to a PD, inrush is successful if the port is
drawing current below IINRUSH. If inrush is not successful,
power is removed and a tSTART fault is set. Otherwise, the
port advances to power on and the programmed current
limiting thresholds are used as described in the Current
Cutoff and Limit section.
Port Power Policing
The power policing threshold (PCUT) is monitored on a
per-port basis per Table 4. When the total output power
over 100ms moving average exceeds the specified thresh-
old, power is removed from the port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com