Electronic Components Datasheet Search
  English  ▼

X  

LT4294 Datasheet(PDF) 23 Page - Analog Devices

Part # LT4294
Description  8/16-Port IEEE 802.3at PoE PSE Controller with Power Management and LED Control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4294 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT4294 Datasheet HTML 19Page - Analog Devices LT4294 Datasheet HTML 20Page - Analog Devices LT4294 Datasheet HTML 21Page - Analog Devices LT4294 Datasheet HTML 22Page - Analog Devices LT4294 Datasheet HTML 23Page - Analog Devices LT4294 Datasheet HTML 24Page - Analog Devices LT4294 Datasheet HTML 25Page - Analog Devices LT4294 Datasheet HTML 26Page - Analog Devices LT4294 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
LTC9101-3/LTC9103
23
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Main PoE Power Supply
VEE is the main isolated PoE supply that provides power
to the PDs. Because it supplies a relatively large amount
of power and is subject to significant current transients,
it requires more design care than a simple logic supply.
For minimum IR loss and best system efficiency, set VEE
near maximum amplitude (57V), leaving enough margin
to account for transient over or undershoot, temperature
drift, and the line regulation specifications of the particular
power supply used.
A bypass capacitor and a transient voltage suppressor
(TVS) between each LTC9103 AGND and VEE are very
important for reliable operation. If a short circuit occurs
at one of the output ports it can take as long as 1µs for
the LTC9103 to begin regulating the current. During this
time the current is limited only by the small impedances in
the circuit; a high current spike typically occurs, causing a
voltage transient on the VEE supply and possibly causing
the LTC9101-3/LTC9103 to reset due to a UVLO fault.
A 1µF, 100V X7R capacitor and an SMAJ58A near each
LTC9103 are recommended to minimize spurious resets.
An electrolytic bulk capacitor of at least 47µF, 100V and a
bulk TVS are also recommended per system.
LTC9103 Low Voltage Power Supplies
The LTC9103 includes internal voltage regulators that
generate low voltage supplies directly from the main PoE
power supply. At startup, an internal regulator generates
6V at PWRIN, drawing power from AGND. Internal 4.3V
and 3.3V rails are sub-regulated from PWRIN. The PWRIN
pin requires a local 1µF, 100V bypass capacitor.
Pull-up resistors can be connected from PWRIN to
AGND to dissipate heat outside the LTC9103 package.
Optionally, an external power supply can be connected
to PWRIN to override the startup regulator and reduce
power dissipation.
Figure 15 shows a pull-up resistor configuration with the
internal 3.3V regulator. Bypass resistors R1, R2, R3, and
R4 draw heat away from the LTC9103s. Note that the
voltage of the PWRIN pin changes based on the LTC9103
operating mode and its corresponding current consump-
tion. If more current is consumed than the bypass resis-
tors provide, the startup regulator maintains the voltage at
6V typical. The LTC9103 can operate without the pull-up
resistors in space-constrained applications.
In applications with an external PWRIN supply, a 6.5V
regulator provides an optimum voltage to override the
internal 6V start-up regulator, while minimizing the
LTC9103 device heating. The external supply may be
shared across both LTC9103s.
A 3.3V power supply can be connected directly to the
CAP3 pin, as shown in Figure 16. This provides the most
power efficient sleep mode. When supplying external 3.3V
power, tie the EXT3 pin to CAP3. This will disable the
internal 3.3V regulator and prevent power back-feed. The
3.3V regulator must power up within tCAP3EXT specified in
the Electrical Characteristics table.
If using the direct connection scheme, the 3.3V reg-
ulator that supplies the LTC9101-3 can also supply
the LTC9103s. This is the preferred option when the
LTC9101-3 and LTC9103 are on the same side of the
system isolation barrier.
91013 F15
C1
1µF
100V
1µF
100V
1µF
100V
1µF
R1
10k
1/2W
R3
10k
1/2W
1µF
47µF
100V
R2
10k
1/2W
R4
10k
1/2W
+
1µF
VEE
VEE
AGND
CAP3
EXT3
LTC9103
VEE
VEE
VEE
VEE
VEE
AGND
CAP3
EXT3
CAP4
PWRIN
LTC9103
C1
1µF
100V
1µF
CAP4
PWRIN
Figure 15. Power Supply Configuration with Internal 3.3V Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com