Electronic Components Datasheet Search
  English  ▼

X  

LTC4270 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC4270
Description  8/16-Port IEEE 802.3at PoE PSE Controller with Power Management and LED Control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4270 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC4270 Datasheet HTML 17Page - Analog Devices LTC4270 Datasheet HTML 18Page - Analog Devices LTC4270 Datasheet HTML 19Page - Analog Devices LTC4270 Datasheet HTML 20Page - Analog Devices LTC4270 Datasheet HTML 21Page - Analog Devices LTC4270 Datasheet HTML 22Page - Analog Devices LTC4270 Datasheet HTML 23Page - Analog Devices LTC4270 Datasheet HTML 24Page - Analog Devices LTC4270 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Figure 14. LTC9101-3/LTC9103 SC, SD, and PC Waveform
LTC9101-3/LTC9103
21
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Code Download
LTC9101-3 firmware is field-upgradeable by downloading
and executing firmware images.
Contact Analog Devices for code download procedures
and firmware images.
Two complete copies of firmware images are maintained
under separate ECC and CRC protection for maximum
data protection.
Bus Addressing and Restrictions
The LTC9101-3’s I2C address base is 0x20. Address 0x20
through 0x30 are restricted for use by the LTC9101-3.
LED Indicators
The LTC9101-3 provides Shift Register Data (SD), Shift
Register Clock (SC), and Parallel Capture Clock (PC) to the
external shift registers that drive the port LED indicators.
Two 8-bit shift registers drive an 8-port application while
four 8-bit shift registers drive a 16-port application. Each
port has two LEDs, typically a green LED for port status
and orange for port faults.
Figure 13 shows the hardware connections for the indi-
cator LED serial driver in a 16-port system.
Figure 14 shows the timing waveform of SD, SC, and PC.
Table 7 shows the data variables A0 through A15, and
what port LED they correspond to.
AO
G
A1
O
A2
G
A3
O
PORT 1
PORT 2
D Q
A
D Q
A
D Q
A
D Q
A
3.3V
3.3V
74LVC3G17
3.3V
VDD
CFG1
SD
SC
PC
CFG2
LTC9101-3
OVR
CFG0
DGND
SUPPLY
OVERLOAD
LED
A28
G
A29
O
A30
G
A31
O
PORT 15
PORT 16
D Q
A
D Q
A
D Q
A
D Q
A
3.3V
74HCT594 (4×)
91013 F13
• • •
• • •
SC
SD
PC
91013 F14
A30
A31
A31
A1
A30
A1 A0
A0
tPC_CLK
Figure 13. LTC9101-3/LTC9103 Shift Register to LED Connectivity in a 16-Port Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com