Electronic Components Datasheet Search
  English  ▼

X  

LTC4270 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC4270
Description  8/16-Port IEEE 802.3at PoE PSE Controller with Power Management and LED Control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4270 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC4270 Datasheet HTML 20Page - Analog Devices LTC4270 Datasheet HTML 21Page - Analog Devices LTC4270 Datasheet HTML 22Page - Analog Devices LTC4270 Datasheet HTML 23Page - Analog Devices LTC4270 Datasheet HTML 24Page - Analog Devices LTC4270 Datasheet HTML 25Page - Analog Devices LTC4270 Datasheet HTML 26Page - Analog Devices LTC4270 Datasheet HTML 27Page - Analog Devices LTC4270 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
91013 F17
AGND
VEE
SENSEn
VSSKn
GATEn
OUTn
OUTn
TO
PORT
S1B
C1
1µF
100V
LTC9103
D1
SMAJ58A
+
CBULK
TVSBULK
VEE
Cn
0.1µF
X7R
100V
Qn
RSENSEn
AGND
Figure 17. LTC9103 Surge Protection
Figure 16. Power Supply Configuration with External 3.3V Regulators
LTC9101-3/LTC9103
24
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Sense Resistors
The LTC9101-3/LTC9103 is designed for a low 0.1Ω
current sense resistance per port, laid out as shown in
the Layout Requirements section, Figure 18. In order to
meet the IHOLD, ICUT, and ILIM accuracy required by the
IEEE specification, the sense resistors should have ±1%
tolerance or better, and no more than ±200ppm/°C tem-
perature coefficient.
Port Output Cap
Each port requires a 0.1µF cap across OUTn to AGND
(see Figure 17) to keep the LTC9103 stable while in cur-
rent limit during startup or overload. Common ceramic
capacitors often have significant voltage coefficients; this
means the capacitance is reduced as the applied voltage
increases. To minimize this problem, X7R ceramic capac-
itors rated for at least 100V are recommended and must
be located close to the LTC9103.
91013 F16
1µF
C1
1µF
100V
C2
1µF
100V
R1
10k
1/2W
R2
10k
1/2W
1µF
1µF
100V
1µF
100V
1µF
47µF
100V
+
1µF
VEE
VEE
3.3V
VEE
VEE
AGND
CAP3
EXT3
PWRIN
CAP4
LTC9103
VEE
3.3V
AGND
CAP3
EXT3
PWRIN
CAP4
LTC9103
3.3V
REGULATOR
Surge Protection
Ethernet ports can be subject to significant cable surge
events. To keep PoE voltages below a safe level and pro-
tect the application against damage, protection compo-
nents, as shown in Figure 17, are required at the main
supply, at the LTC9103 supply pins, and at each port.
Bulk transient voltage suppression (TVSBULK) and bulk
capacitance (CBULK) are required across the main PoE
supply and should be sized to accommodate system level
surge requirements.
Across each LTC9103 AGND pin and VEE pin is a
SMAJ58A 58V TVS (D1) and a 1µF, 100V bypass capaci-
tor (C1). These components must be placed close to the
LTC9103 pins.
Each port requires an S1B clamp diode from OUTn to
supply AGND. This diode steers harmful surges into the
supply rails where they are absorbed by the surge sup-
pressors and the VEE bypass capacitance. The layout of
these paths must be low impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com