Electronic Components Datasheet Search
  English  ▼

X  

LTC4270 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC4270
Description  8/16-Port IEEE 802.3at PoE PSE Controller with Power Management and LED Control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4270 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC4270 Datasheet HTML 18Page - Analog Devices LTC4270 Datasheet HTML 19Page - Analog Devices LTC4270 Datasheet HTML 20Page - Analog Devices LTC4270 Datasheet HTML 21Page - Analog Devices LTC4270 Datasheet HTML 22Page - Analog Devices LTC4270 Datasheet HTML 23Page - Analog Devices LTC4270 Datasheet HTML 24Page - Analog Devices LTC4270 Datasheet HTML 25Page - Analog Devices LTC4270 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
LTC9101-3/LTC9103
22
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Table 7. Port LEDs and Corresponding LED Data Variables for an
8-Port System
PORT
PORT LED
SERIAL DATA
1
Status
A0
Fault
A1
2
Status
A2
Fault
A3
3
Status
A4
Fault
A5
4
Status
A6
Fault
A7
5
Status
A8
Fault
A9
6
Status
A10
Fault
A11
7
Status
A12
Fault
A13
8
Status
A14
Fault
A15
Note: This sequence is continued for a 16-port application.
In addition, the LTC9101-3 also provides a Supply
Overload LED bit through the OVR pin, which gives
indication that the LTC9101-3/LTC9103 PSE application
has either denied power, revoked power, or is near the
power limit. The Supply Overload LED fault conditions are
detailed in the Power Management and System Telemetry
sections.
ISOLATION REQUIREMENTS
IEEE 802.3 Ethernet specifications require that network
segments (including PoE circuitry) be electrically isolated
from the chassis ground of each network interface device.
However, network segments are not required to be iso-
lated from each other, provided that the segments are
connected to devices residing within a single building on
a single power distribution system.
If the PSE is part of a larger system, contains additional
external non-Ethernet ports, or must be referenced to pro-
tective ground for some other reason, the PoE subsystem
must be electrically isolated from the rest of the system.
The LTC9101-3/LTC9103 chipset simplifies PSE isolation
by allowing the LTC9101-3 chip to reside on the non-iso-
lated side. There it can receive power from the main logic
supply. Isolation between the LTC9101-3 and LTC9103 is
implemented using a proprietary transformer-based com-
munication protocol. Additional details are provided in
the High-Speed Data Interface section of this data sheet.
For autonomously managed PoE switches, the isolation
requirement can be met by using an isolated main power
supply for the entire device. This strategy can be used
if the device has no electrically conducting ports other
than twisted-pair Ethernet. The LTC9101-3 may directly
connect to the LTC9103s in the above circumstances, or
if the system already provides isolation.
EXTERNAL COMPONENT SELECTION
Power Supplies
The LTC9101-3/LTC9103 requires two supply voltages to
operate. VDD requires 3.3V (nominally) relative to DGND.
VEE requires a negative voltage of between –51V to –57V.
Digital Power Supply
VDD provides digital power for the LTC9101-3 proces-
sor. A ceramic decoupling cap of at least 0.1µF should
be placed from each VDD to DGND, as close as practical
to each LTC9101-3. In addition, each LTC9101-3 must
include a bulk cap of 10µF for robust surge immunity.
A 1.2V core voltage supply is generated internally and
requires a 1µF ceramic decoupling cap between the CAP1
pin and DGND and between CAP2 and DGND.
In systems using ADI’s proprietary isolation, VDD should
be delivered by the system's non-isolated 3.3V supply.
To maintain required isolation, LTC9103 AGND and
LTC9101-3 DGND must not be connected. If using the
direct connection scheme, the LTC9101-3 DGND must
be connected to LTC9103 VEE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com