Electronic Components Datasheet Search
  English  ▼

X  

7635442-01 Datasheet(PDF) 5 Page - CommScope Inc.

Part # 7635442-01
Description  ERA® Ordering Guide
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMMSCOPE [CommScope Inc.]
Direct Link  https://www.commscope.com/
Logo COMMSCOPE - CommScope Inc.

7635442-01 Datasheet(HTML) 5 Page - CommScope Inc.

  7635442-01 Datasheet HTML 1Page - CommScope Inc. 7635442-01 Datasheet HTML 2Page - CommScope Inc. 7635442-01 Datasheet HTML 3Page - CommScope Inc. 7635442-01 Datasheet HTML 4Page - CommScope Inc. 7635442-01 Datasheet HTML 5Page - CommScope Inc. 7635442-01 Datasheet HTML 6Page - CommScope Inc. 7635442-01 Datasheet HTML 7Page - CommScope Inc. 7635442-01 Datasheet HTML 8Page - CommScope Inc. 7635442-01 Datasheet HTML 9Page - CommScope Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
3
ERA Ordering Guide
For North America
Head-End: Attenuators, e-POI Subrack and Modules
ERA’s universal 4U e-POI rack supports up to 8 RF modules. Each e-POI module is
capable of handling any frequency band and hosts 4 independent RF paths.
Specifications - e-POI Subrack
Electrical
RF Modules
8
Interface Card
1
Mechanical
Dimensions:
Height x Width x Depth, mm (in)
4U x 482 x 395
(4U x 19 x 15.5)
Weight, kg (lb)
7.7 (16.94)
Operating Temperature, °C (°F)
-5 to +50 (+23 to +122)
Braided Assembly
(C195-QMQM-1M-AMBG)
Electrical
Operational Frequency, MHz - e-POI RF
Module
380 to 2700
Operational Frequency, MHz - e-POI HB
Module
1700 – 4200
RF Input Power, dBm
+46
Attenuation, dB
30 ±2
PIM @ 2x20 Watts (3rd order), dBc
-160 typical
-155 max
Input Voltage, Vdc
12
Power Consumption,
Watts per Module
10
Mechanical
Connector
RF input: 4.3-10
RF output: QMA
Height x Width x Depth, mm (in)
170 x 50 x 440
(6.7 x 1.96 x 17.3)
Weight, kg (lb)
5.7 (12.5)
Operating Temperature, °C (°F)
-5 to +50 (+23 to +122)
Specifications - e-POI Modules
Ordering Information
Description
CommScope
Material ID
e-POI Subrack Supports up to 8 RF modules
e-POI Subrack with (1) Interface Card
7676311-01
e-POI Interface Card (IFC)
7676260-01
e-POI RF Module
7761433-00
e-POI Blank Module
7673474-01
e-POI RF Module High Band
A7850159-00
RF Module
(7761433-00)
Subtrack
(767311-01)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com