Electronic Components Datasheet Search
  English  ▼

X  

7635442-01 Datasheet(PDF) 10 Page - CommScope Inc.

Part # 7635442-01
Description  ERA® Ordering Guide
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMMSCOPE [CommScope Inc.]
Direct Link  https://www.commscope.com/
Logo COMMSCOPE - CommScope Inc.

7635442-01 Datasheet(HTML) 10 Page - CommScope Inc.

Back Button 7635442-01 Datasheet HTML 6Page - CommScope Inc. 7635442-01 Datasheet HTML 7Page - CommScope Inc. 7635442-01 Datasheet HTML 8Page - CommScope Inc. 7635442-01 Datasheet HTML 9Page - CommScope Inc. 7635442-01 Datasheet HTML 10Page - CommScope Inc. 7635442-01 Datasheet HTML 11Page - CommScope Inc. 7635442-01 Datasheet HTML 12Page - CommScope Inc. 7635442-01 Datasheet HTML 13Page - CommScope Inc. 7635442-01 Datasheet HTML 14Page - CommScope Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
8
ERA Ordering Guide
For North America
Optical Transport Card (OPT)
4 x optical links to TEN, WIN or fiber CAP
Electrical
Input Voltage, Vdc
12
Power Consumption, Watts
8
Mechanical
Connection
4x SFP + module*
Height x Width x Depth, mm (in)
20 x 145 x 300
(0.8 x 5.7 x 11.8)
Weight, kg (lb)
0.28 (0.61)
Operating Temperature, °C (°F)
+5 to +40 (+41 to +104)
*SFP+ ordered separately
System User Interface (SUI)
Service ports for LMT, LAN and modem connect
Electrical
Input Voltage, Vdc
12
Power Consumption, Watts
1.5
Mechanical
Connection
3x RJ45, USB
Height x Width x Depth, mm (in)
20 x 107 x 300
(0.8 x 4.2 x 11.8)
Weight, kg (lb)
0.15 (0.33)
Operating Temperature, °C (°F)
+5 to +40 (+41 to +104)
RF Donor Card High Band (RFD HB)
4 x analogue links to BTS
Electrical
Operational Frequency, MHz
1700 to 4200
RF Input Power, dBm
-5 to +16
Bandwidth per Port, MHz
100
Bandwidth Total, MHz
320
RF Interface
Rx, Tx, or Rx/Tx
Input Voltage, Vdc
12
Power Consumption, Watts
58
Mechanical
Connection
4x QMA female
Height x Width x Depth, mm (in)
20 x 145 x 300
(0.8 x 5.7 x 11.8)
Weight, kg (lb)
0.54 (1.2)
Operating Temperature, °C (°F)
+5 to +40 (+41 to +104)
Specifications continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com