Electronic Components Datasheet Search
  English  ▼

X  

7635442-01 Datasheet(PDF) 6 Page - CommScope Inc.

Part # 7635442-01
Description  ERA® Ordering Guide
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMMSCOPE [CommScope Inc.]
Direct Link  https://www.commscope.com/
Logo COMMSCOPE - CommScope Inc.

7635442-01 Datasheet(HTML) 6 Page - CommScope Inc.

Back Button 7635442-01 Datasheet HTML 2Page - CommScope Inc. 7635442-01 Datasheet HTML 3Page - CommScope Inc. 7635442-01 Datasheet HTML 4Page - CommScope Inc. 7635442-01 Datasheet HTML 5Page - CommScope Inc. 7635442-01 Datasheet HTML 6Page - CommScope Inc. 7635442-01 Datasheet HTML 7Page - CommScope Inc. 7635442-01 Datasheet HTML 8Page - CommScope Inc. 7635442-01 Datasheet HTML 9Page - CommScope Inc. 7635442-01 Datasheet HTML 10Page - CommScope Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
4
ERA Ordering Guide
For North America
Head-End: Attenuators, e-POI Interface Card
Ordering Information
Description
CommScope
Material ID
e-POI Interface Card (IFC)
7676260-01
Electrical
Input Voltage, Vdc
12
Power Consumption, Watts
3.6
Mechanical
Height x Width x Depth, mm (in)
170 x 35 x 390
(6.7 x 1.4 15.3)
Weight, kg (lb)
0.5 (1.1)
Operating Temperature, °C (°F)
-5 to +50 (+23 to +122)
Specifications
Ordering Information
Description
Length
CommScopeMaterial ID
CNT Braided Cable Jumpers
50 Ohm, black non-halogenated, fire retardant polyolefin jacket, Dca s2 d2 compliant
QMA Male to QMA Male
0.6 meter
C195-QMQM-M6-AMBG
1 meter
C195-QMQM-1M-AMBG
2 meter
C195-QMQM-2M-AMBG
Accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com