Electronic Components Datasheet Search
  English  ▼

X  

LM324 Datasheet(PDF) 4 Page - ON Semiconductor

Part # LM324
Description  Single Supply Quad Operational Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM324 Datasheet(HTML) 4 Page - ON Semiconductor

  LM324 Datasheet HTML 1Page - ON Semiconductor LM324 Datasheet HTML 2Page - ON Semiconductor LM324 Datasheet HTML 3Page - ON Semiconductor LM324 Datasheet HTML 4Page - ON Semiconductor LM324 Datasheet HTML 5Page - ON Semiconductor LM324 Datasheet HTML 6Page - ON Semiconductor LM324 Datasheet HTML 7Page - ON Semiconductor LM324 Datasheet HTML 8Page - ON Semiconductor LM324 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LM324, LM324A, LM324E, LM224, LM2902, LM2902E, LM2902V, NCV2902
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, VEE = GND, TA = 25°C, unless otherwise noted.)
LM224
LM324A
LM324, LM324E
LM2902, LM2902E
LM2902V/NCV2902
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage−
High Limit
VOH
V
VCC = 5.0 V, RL =
2.0 kW, TA = 25°C
3.3
3.5
−
3.3
3.5
−
3.3
3.5
−
3.3
3.5
−
3.3
3.5
−
VCC = 30 V
RL = 2.0 kW
(TA = Thigh to Tlow)
(Note 7)
26
−
−
26
−
−
26
−
−
26
−
−
26
−
−
VCC = 30 V
RL = 10 kW
(TA = Thigh to Tlow)
(Note 7)
27
28
−
27
28
−
27
28
−
27
28
−
27
28
−
Output Voltage −
Low Limit,
VCC = 5.0 V,
RL = 10 kW,
TA = Thigh to Tlow
(Note 7)
VOL
−
5.0
20
−
5.0
20
−
5.0
20
−
5.0
100
−
5.0
100
mV
Output Source Current
(VID = +1.0 V,
VCC = 15 V)
IO +
mA
TA = 25°C
20
40
−
20
40
−
20
40
−
20
40
−
20
40
−
TA = Thigh to Tlow
(Note 7)
10
20
−
10
20
−
10
20
−
10
20
−
10
20
−
Output Sink Current
IO −
mA
(VID = −1.0 V,
VCC = 15 V)
TA = 25°C
10
20
−
10
20
−
10
20
−
10
20
−
10
20
−
TA = Thigh to Tlow
(Note 7)
5.0
8.0
−
5.0
8.0
−
5.0
8.0
−
5.0
8.0
−
5.0
8.0
−
(VID = −1.0 V,
VO = 200 mV,
TA = 25°C)
12
50
−
12
50
−
12
50
−
−
−
−
−
−
−
mA
Output Short Circuit
to Ground
(Note 8)
ISC
−
40
60
−
40
60
−
40
60
−
40
60
−
40
60
mA
Power Supply Current
(TA = Thigh to Tlow)
(Note 7)
ICC
mA
VCC = 30 V
VO = 0 V, RL = ∞
−
−
3.0
−
1.4
3.0
−
−
3.0
−
−
3.0
−
−
3.0
VCC = 5.0 V,
VO = 0 V, RL = ∞
−
−
1.2
−
0.7
1.2
−
−
1.2
−
−
1.2
−
−
1.2
7. LM224: Tlow = −25°C, Thigh = +85°C
LM324/LM324A/LM324E: Tlow = 0°C, Thigh = +70°C
LM2902/LM2902E: Tlow = −40°C, Thigh = +105°C
LM2902V & NCV2902: Tlow = −40°C, Thigh = +125°C
NCV2902 is qualified for automotive use.
8. The input common mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of
the common mode voltage range is VCC −1.7 V, but either or both inputs can go to +32 V without damage, independent of the magnitude
of VCC.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com