Electronic Components Datasheet Search
  English  ▼

X  

LM324 Datasheet(PDF) 9 Page - ON Semiconductor

Part # LM324
Description  Single Supply Quad Operational Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM324 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LM324 Datasheet HTML 5Page - ON Semiconductor LM324 Datasheet HTML 6Page - ON Semiconductor LM324 Datasheet HTML 7Page - ON Semiconductor LM324 Datasheet HTML 8Page - ON Semiconductor LM324 Datasheet HTML 9Page - ON Semiconductor LM324 Datasheet HTML 10Page - ON Semiconductor LM324 Datasheet HTML 11Page - ON Semiconductor LM324 Datasheet HTML 12Page - ON Semiconductor LM324 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
LM324, LM324A, LM324E, LM224, LM2902, LM2902E, LM2902V, NCV2902
www.onsemi.com
9
2
1
For less than 10% error from operational amplifier,
If source impedance varies, filter may be preceded with
voltage follower buffer to stabilize filter parameters.
where fo and BW are expressed in Hz.
Qo fo
BW
< 0.1
Given:fo =center frequency
A(fo)=gain at center frequency
Choose value fo, C
Then:
R3 =
Q
p fo C
R3
R1 =
2 A(fo)
R1 R3
4Q2 R1 - R3
R2 =
+
-
+
-
Vref =VCC
Vref
f =
R1 + RC
4 CRf R1
R3 =
R2 R1
R2 + R1
R2
300 k
75 k
R3
R1
100 k
C
Triangle Wave
Output
Square
Wave
Output
Vin
Rf
if
Vref
1/4
LM324
1/4
LM324
Figure 16. Function Generator
Figure 17. Multiple Feedback Bandpass Filter
Vref =VCC
1
2
-
+
VCC
R3
R1
R2
Vref
C
C
VO
CO = 10 C
CO
1/4
LM324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com