Electronic Components Datasheet Search
  English  ▼

X  

LM324 Datasheet(PDF) 7 Page - ON Semiconductor

Part # LM324
Description  Single Supply Quad Operational Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM324 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LM324 Datasheet HTML 3Page - ON Semiconductor LM324 Datasheet HTML 4Page - ON Semiconductor LM324 Datasheet HTML 5Page - ON Semiconductor LM324 Datasheet HTML 6Page - ON Semiconductor LM324 Datasheet HTML 7Page - ON Semiconductor LM324 Datasheet HTML 8Page - ON Semiconductor LM324 Datasheet HTML 9Page - ON Semiconductor LM324 Datasheet HTML 10Page - ON Semiconductor LM324 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LM324, LM324A, LM324E, LM224, LM2902, LM2902E, LM2902V, NCV2902
www.onsemi.com
7
14
12
10
8.0
6.0
4.0
2.0
0
1.0
10
100
1000
f, FREQUENCY (kHz)
550
500
450
400
350
300
250
200
0
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
t, TIME (
ms)
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
0
0
5.0
10
15
20
25
30
35
VCC, POWER SUPPLY VOLTAGE (V)
VCC, POWER SUPPLY VOLTAGE (V)
90
80
70
0
2.0
4.0
6.0
8.0
10
12
14
16
18
20
VCC = 30 V
VEE = GND
TA = 25°C
CL = 50 pF
Input
Output
18
16
14
12
10
8.0
6.0
4.0
2.0
0
20
0
2.0
4.0
6.0
8.0
10
12
14
16
18
20
± VCC/VEE, POWER SUPPLY VOLTAGES (V)
Positive
Negative
TA = 25°C
RL =
R
RL = 2.0 kW
VCC = 15 V
VEE = GND
Gain = -100
RI = 1.0 kW
RF = 100 kW
Figure 5. Input Voltage Range
Figure 6. Open Loop Frequency
120
100
80
60
40
20
0
-20
1.0
10
100
1.0 k
10 k
100 k
1.0 M
f, FREQUENCY (Hz)
VCC = 15 V
VEE = GND
TA = 25°C
Figure 7. Large−Signal Frequency Response
Figure 8. Small−Signal Voltage Follower
Pulse Response (Noninverting)
Figure 9. Power Supply Current versus
Power Supply Voltage
Figure 10. Input Bias Current versus
Power Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com