Electronic Components Datasheet Search
  English  ▼

X  

VG95234 Datasheet(PDF) 30 Page - Amphenol Corporation

Part # VG95234
Description  Inhaltsverzeichnis
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

VG95234 Datasheet(HTML) 30 Page - Amphenol Corporation

Back Button VG95234 Datasheet HTML 26Page - Amphenol Corporation VG95234 Datasheet HTML 27Page - Amphenol Corporation VG95234 Datasheet HTML 28Page - Amphenol Corporation VG95234 Datasheet HTML 29Page - Amphenol Corporation VG95234 Datasheet HTML 30Page - Amphenol Corporation VG95234 Datasheet HTML 31Page - Amphenol Corporation VG95234 Datasheet HTML 32Page - Amphenol Corporation VG95234 Datasheet HTML 33Page - Amphenol Corporation VG95234 Datasheet HTML 34Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
29
GCB-B 3106 PG – PM / GCA-B 3106 PG – PM
Freier Steckverbinder mit PG- oder
metrischem Endgehäuse, ohne Dichtkörper.
Free connector with PG or metrical
backshell, without grommet.
Mobile droite avec raccord PG ou métrique,
sans grommet.
Beispiel / Example / Exemple
- GCB3106PXXX-18-1SNB
- GCA3106PXXX-18-10SNB
XXX für Gewindetyp
XXX for thread type
XXX pour le type de taraudage
GCB-B 3107 / GCA-B 3107
Gehäusegröße /
Shell size /
Taille de boîtier
d1
max.
XXX
XXX
PG
10SL
22,8
G09
PG9
M12
M12x1,5
55
14S
29,2
G11
PG11
M16
M16x1,5
55
16S
32,0
G13
PG13,5
M20
M20x1,5
60
16
32,0
G13
PG13,5
M20
M20x1,5
70
18
36,5
G13
PG13,5
M20
M20x1,5
75
20
39,9
G16
PG16
M25
M25x1,5
75
22
43,1
G16
PG16
M25
M25x1,5
85
24
46,6
G16
PG16
M25
M25x1,5
85
28
53,4
G21
PG21
M32
M32x1,5
90
32
60,1
G29
PG29
M40
M40x1,5
95
36
66,3
G29
PG29
M40
M40x1,5
100
d2
Gewindetyp / Thread type / Type de taraudage
l1
max.
Metrisch /
Metrical /
Métrique
Gehäusegröße /
Shell size /
Taille de boîtier
d1
d2
Klasse 2A
(Class 2A,
Classe 2A)
d3
d4
d5
d6
l1
l2
l3
l4
l5
l6
10SL
18,2
7/8-20UNEF
35,0 31,5 20,9 22,7 29,2 13,5 12,5 31,8
5,0
2,5
14S
24,6
1 1/8-18UNEF
41,3 37,9 27,2 28,8 29,2 13,5 12,5 38,1
6,0
2,5
16S
27,4
1 1/4-18UNEF
44,4 41,0 30,4 32,0 29,2 13,5 12,5 41,2
6,0
2,5
16
27,4
1 1/4-18UNEF
44,4 41,0 30,4 32,0 37,7 13,5 21,0 41,2
6,0
2,5
18
30,8
1 3/8-18UNEF
48,2 44,8 33,6 35,1 40,0 15,0 21,0 45,0
7,0
3,0
20
34,1
1 1/2-18UNEF
52,4 49,0 36,8 38,2 40,0 15,0 21,0 49,2
7,0
3,0
22
37,3
1 5/8-18UNEF
55,5 52,2 39,9 42,0 40,0 15,0 21,0 52,4
7,0
3,0
24
40,8
1 3/4-18UNEF
59,0 55,0 43,1 44,7 40,0 15,0 21,0 55,2
7,0
3,0
28
46,7
2 –18UNS
66,0 62,0 49,2 51,1 40,0 15,0 21,0 62,2
7,0
3,0
32
53,3
2 1/4-16UN
72,0 68,0 55,7 57,4 40,0 15,0 21,0 68,2
7,0
3,0
36
59,6
2 1/2-16UN
80,0 75,0 62,0 63,8 40,0 15,0 21,0 75,2
8,0
3,0
Steckdose für Einlochmontage mit
O-Ring Dichtung.
Receptacle for single hole mounting
with O-ring seal.
Embase à fixation par écrou avec joint
torique.
Beispiel / Example / Exemple
- GCB3107-18-1SNB
- GCA3107-18-10SNB
0298_ailb_kat.neu.411 04.03.2005 14:21 Uhr Seite 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com