Electronic Components Datasheet Search
  English  ▼

X  

VG95234 Datasheet(PDF) 49 Page - Amphenol Corporation

Part # VG95234
Description  Inhaltsverzeichnis
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

VG95234 Datasheet(HTML) 49 Page - Amphenol Corporation

Back Button VG95234 Datasheet HTML 45Page - Amphenol Corporation VG95234 Datasheet HTML 46Page - Amphenol Corporation VG95234 Datasheet HTML 47Page - Amphenol Corporation VG95234 Datasheet HTML 48Page - Amphenol Corporation VG95234 Datasheet HTML 49Page - Amphenol Corporation VG95234 Datasheet HTML 50Page - Amphenol Corporation VG95234 Datasheet HTML 51Page - Amphenol Corporation VG95234 Datasheet HTML 52Page - Amphenol Corporation VG95234 Datasheet HTML 53Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
48
GCA-B – Polbilder / Contact arrangements / Arrangements
Ansicht auf die Vorderseite des
Stifteinsatzes /
Front face of pin insert illustrated /
Vue face avant de l’insert mâle
Polbild /
Contact
arrangement /
Arrangement
Kontakte / Contacts /
Contacts
Spannungsklasse
für Kontakte /
Voltage class for
contacts / Tension
d’utilisation des
contacts
Winkelstellung der Kontakteinsätze in Grad /
Angular position of the contact inserts
in degrees / Polarisation des inserts en degrés
Anzahl /
Number /
Nombre
Größe /
Size /
Taille
NW
X
Y
Z
28-20
10
AWG 12
A0
80
110
250
280
4AWG 16
28-21
37
AWG 16
A
0
80
110
250
280
28-22
3AWG 4
D0
70
145
215
290
3AWG 16
32-1
2AWG 0
A = E
080
110
250
280
3AWG 12
B,C,D,E = D
32-3
1AWG 0
D0
80
110
250
280
2AWG 4
2AWG 12
4AWG 16
32-4
2AWG 12
F,J,K,N = A
080
110
250
280
12
AWG 16
Bal. = D
32-8
6AWG 12
A0
80
125
235
280
24
AWG 16
36-1
4AWG 12
D0
80
110
250
280
18
AWG 16
36-3
3AWG 0
D0
70
145
215
290
3AWG 12
36-4
3
AWG 0
A = D
070
145
215
290
B,C = A
0298_ailb_kat.neu.411 04.03.2005 14:21 Uhr Seite 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com