Electronic Components Datasheet Search
  English  ▼

X  

VG95234 Datasheet(PDF) 41 Page - Amphenol Corporation

Part # VG95234
Description  Inhaltsverzeichnis
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

VG95234 Datasheet(HTML) 41 Page - Amphenol Corporation

Back Button VG95234 Datasheet HTML 37Page - Amphenol Corporation VG95234 Datasheet HTML 38Page - Amphenol Corporation VG95234 Datasheet HTML 39Page - Amphenol Corporation VG95234 Datasheet HTML 40Page - Amphenol Corporation VG95234 Datasheet HTML 41Page - Amphenol Corporation VG95234 Datasheet HTML 42Page - Amphenol Corporation VG95234 Datasheet HTML 43Page - Amphenol Corporation VG95234 Datasheet HTML 44Page - Amphenol Corporation VG95234 Datasheet HTML 45Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
40
GCA-B – Polbilder / Contact arrangements / Arrangements
Ansicht auf die Vorderseite des
Stifteinsatzes /
Front face of pin insert illustrated /
Vue face avant de l’insert mâle
Polbild /
Contact
arrangement /
Arrangement
Kontakte / Contacts /
Contacts
Spannungsklasse
für Kontakte /
Voltage class for
contacts / Tension
d’utilisation des
contacts
Winkelstellung der Kontakteinsätze in Grad /
Angular position of the contact inserts
in degrees / Polarisation des inserts en degrés
Anzahl /
Number /
Nombre
Größe /
Size /
Taille
NW
X
Y
Z
20-9
1AWG 12
H = D
080
110
250
280
7AWG 16
A,B,C,D,E,F,G = A
20-11
13
AWG 16
Inst.
0
----
20-12
1AWG 4
A0
80
110
250
280
1AWG 16
20-14
2AWG 8
A0
80
110
250
280
3AWG 12
20-15
7
AWG 12
A
0
80
-
-
280
20-16
2AWG 12
A0
80
110
250
280
7AWG 16
20-17
5AWG 12
A0
90
180
270
-
1AWG 16
20-18
3AWG 12
A0
35
110
250
325
6AWG 16
20-19
3
AWG 8
A
0
90
180
270
-
20-20
1AWG 4
A0
80
110
250
280
3AWG 12
0298_ailb_kat.neu.411 04.03.2005 14:21 Uhr Seite 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com