Electronic Components Datasheet Search
  English  ▼

X  

LM91 Datasheet(PDF) 2 Page - OKI electronic componets

Part # LM91
Description  Diode Input Digital Temperature Sensor with Two-Wire Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

LM91 Datasheet(HTML) 2 Page - OKI electronic componets

  LM91 Datasheet HTML 1Page - OKI electronic componets LM91 Datasheet HTML 2Page - OKI electronic componets LM91 Datasheet HTML 3Page - OKI electronic componets LM91 Datasheet HTML 4Page - OKI electronic componets LM91 Datasheet HTML 5Page - OKI electronic componets LM91 Datasheet HTML 6Page - OKI electronic componets LM91 Datasheet HTML 7Page - OKI electronic componets LM91 Datasheet HTML 8Page - OKI electronic componets LM91 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Connection Diagram
QSOP-16
20034302
TOP VIEW
Ordering Information
Order Number
NS Package
Number
Transport
Media
SMBus
Revision
Level
Noise Filter
on SMBCLK
Remote Diode
Accuracy
Local
T_CRIT
Default
Remote
T_CRIT
Default
LM91DIMQA
MQA16A
(QSOP-16)
95 Units in
Rail
1.1
20MHz
±4˚C
127˚C
95˚C
LM91DIMQAX
MQA16A
(QSOP-16)
2500 Units on
Tape and Reel
1.1
20MHz
±4˚C
127˚C
95˚C
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com