Electronic Components Datasheet Search
  English  ▼

X  

LM91 Datasheet(PDF) 4 Page - OKI electronic componets

Part # LM91
Description  Diode Input Digital Temperature Sensor with Two-Wire Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

LM91 Datasheet(HTML) 4 Page - OKI electronic componets

  LM91 Datasheet HTML 1Page - OKI electronic componets LM91 Datasheet HTML 2Page - OKI electronic componets LM91 Datasheet HTML 3Page - OKI electronic componets LM91 Datasheet HTML 4Page - OKI electronic componets LM91 Datasheet HTML 5Page - OKI electronic componets LM91 Datasheet HTML 6Page - OKI electronic componets LM91 Datasheet HTML 7Page - OKI electronic componets LM91 Datasheet HTML 8Page - OKI electronic componets LM91 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage
−0.3V to 6.0V
Voltage at Any Pin:
NC (Pins 1,5,9), ADD0, ADD1, D
+
−0.3V to
(V
CC + 0.3V)
All other pins (except D−)
−0.3V to 6.0V
D− Input Current
±1mA
Input Current at All Other Pins (Note
2)
5 mA
Package Input Current (Note 2)
20 mA
SMBData, T_CRIT_A Output Sink
Current
10 mA
Output Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Soldering Information, Lead Temperature
QSOP Package (Note 3)
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
ESD Susceptibility (Note 4)
Human Body Model
2500V
Machine Model
250V
Operating Ratings
(Note 1) and (Note 5)
Specified Temperature Range
T
MIN to TMAX
LM91D
0˚C to +125˚C
Supply Voltage Range (V
CC)
+3.0V to +3.6V
Temperature-to-Digital Converter Characteristics
Unless otherwise noted, these specifications apply for V
CC=+3.0 Vdc to +3.6 Vdc. Boldface limits apply for TA =TJ =TMIN
to T
MAX; all other limits TA=TJ=+25˚C, unless otherwise noted.
Parameter
Conditions
Typical
LM91D
Limits
Units
(Note 6)
(Note 7)
(Limit)
Local Temperature Error (Note 8)
±1˚C
Remote Temperature Error using Pentium Diode
(Note 8) and (Note 9)
+60˚C
≤T
A ≤ +100˚C,
V
CC = 3.3 Vdc
±4
˚C (max)
0˚C
≤ T
A ≤ +125˚C,
V
CC = 3.3 Vdc
±6
˚C (max)
Remote Temperature Error using Diode
Connected 2N3904 (Note 8) and (Note 9)
+60˚C
≤T
A ≤ +100˚C,
V
CC = 3.3 Vdc
+2, −6
˚C (max)
0˚C
≤ T
A ≤ +125˚C,
V
CC = 3.3 Vdc
+4, −8
˚C (max)
Resolution
8
Bits
1˚C
Temperature Conversion Time
(Note 11)
120
145
ms
Quiescent Current (Note 10)
SMBus (I
2C Inactive)
0.500
1
mA (max)
D− Source Voltage
0.7
V
Diode Source Current
(D+ − D−)=+ 0.65V; high
level
160
µA (max)
50
µA (min)
Low level
16
µA (max)
5
µA (min)
T_CRIT_A Output Saturation Voltage
I
OUT = 3.0 mA
0.4
V (max)
Power-On Reset Threshold
On V
CC input, falling edge
2.2
1.2
V (max)
V (min)
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com