Electronic Components Datasheet Search
  English  ▼

X  

LM91 Datasheet(PDF) 6 Page - OKI electronic componets

Part # LM91
Description  Diode Input Digital Temperature Sensor with Two-Wire Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

LM91 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button LM91 Datasheet HTML 2Page - OKI electronic componets LM91 Datasheet HTML 3Page - OKI electronic componets LM91 Datasheet HTML 4Page - OKI electronic componets LM91 Datasheet HTML 5Page - OKI electronic componets LM91 Datasheet HTML 6Page - OKI electronic componets LM91 Datasheet HTML 7Page - OKI electronic componets LM91 Datasheet HTML 8Page - OKI electronic componets LM91 Datasheet HTML 9Page - OKI electronic componets LM91 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SMBus DIGITAL SWITCHING CHARACTERISTICS
Unless otherwise noted, these specifications apply for V
CC=+3.0 Vdc to +3.6 Vdc, CL (load capacitance) on output lines = 80
pF. Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = +25˚C, unless otherwise noted.
The switching characteristics of the LM91 fully meet or exceed the published specifications of the SMBus or I
2C bus. The fol-
lowing parameters are the timing relationships between SMBCLK and SMBData signals related to the LM91. They are not nec-
essarily the I
2C or SMBus bus specifications.
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 6)
(Note 7)
(Limit)
t
BUF
SMBus Free Time
1.3
µs (min)
SMBus Communication
20034304
SMBus TIMEOUT
20034313
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond its rated operating conditions.
Note 2: When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > VCC), the current at that pin should be limited to 5 mA. The 20 mA
maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 5 mA to four.
Parasitics and or ESD protection circuitry are shown in the figure below for the LM91’s pins. The nominal breakdown voltage of the zener D3 is 6.5V. Care should
be taken not to forward bias the parasitic diode, D1, present on pins: NC pins 1,5 and 9, D+, ADD1 and ADD0. Doing so by more than 50 mV may corrupt a
temperature or voltage measurement.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com