Electronic Components Datasheet Search
  English  ▼

X  

IL1208AT Datasheet(PDF) 7 Page - Vishay Siliconix

Part # IL1208AT
Description  Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 Package, 110 °C Rated
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL1208AT Datasheet(HTML) 7 Page - Vishay Siliconix

  IL1208AT Datasheet HTML 1Page - Vishay Siliconix IL1208AT Datasheet HTML 2Page - Vishay Siliconix IL1208AT Datasheet HTML 3Page - Vishay Siliconix IL1208AT Datasheet HTML 4Page - Vishay Siliconix IL1208AT Datasheet HTML 5Page - Vishay Siliconix IL1208AT Datasheet HTML 6Page - Vishay Siliconix IL1208AT Datasheet HTML 7Page - Vishay Siliconix IL1208AT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IL1206AT, IL1207AT, IL1208AT
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 23-Nov-2020
7
Document Number: 83549
For technical questions, contact: optocoupler.answers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 18 - Switching Time vs. IF
Fig. 19 - Switching Time vs. RBE, IF = 10 mA
PACKAGE DIMENSIONS in millimeters
19281
IF (mA)
0
5
10
15
20
0
2
4
6
8
10
12
14
16
ton
toff
RBE = 500 k, VCE = 5 V
Tamb = + 25 °C
0
5
10
15
20
25
30
10
100
1000
10 000
ton
RBE (k
W)
toff
83549 graph20-2
i178003
40°
7°
Pin one ID
5° max.
ISO method A
0.91
0.36
4.32
1.14
6.6
R 0.13
1.27
6.10
1.27 typ.
0.41
0.1
0.2
Lead coplanarity
± 0.04 max.
0.20
3.05 ± 0.13
C
L
R 0.25 max.
0.53
3.91 ± 0.13
0.38 ± 0.05
4.88 ± 0.13
0.51 ± 0.10
2 places
1.49 ± 0.13
3.18 ± 0.13



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com