Electronic Components Datasheet Search
  English  ▼

X  

IL1208AT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IL1208AT
Description  Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 Package, 110 °C Rated
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL1208AT Datasheet(HTML) 2 Page - Vishay Siliconix

  IL1208AT Datasheet HTML 1Page - Vishay Siliconix IL1208AT Datasheet HTML 2Page - Vishay Siliconix IL1208AT Datasheet HTML 3Page - Vishay Siliconix IL1208AT Datasheet HTML 4Page - Vishay Siliconix IL1208AT Datasheet HTML 5Page - Vishay Siliconix IL1208AT Datasheet HTML 6Page - Vishay Siliconix IL1208AT Datasheet HTML 7Page - Vishay Siliconix IL1208AT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IL1206AT, IL1207AT, IL1208AT
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 23-Nov-2020
2
Document Number: 83549
For technical questions, contact: optocoupler.answers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability
(1) Refer to reflow profile for soldering conditions for surface mounted devices (SOP / SOIC)
Fig. 1 - Input Power Dissipation (LED) vs. Ambient Temperature
Fig. 2 - Output Power Dissipation vs. Ambient Temperature
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Continuous forward current
IF
60
mA
Peak reverse voltage
VR
6.0
V
Power dissipation
Pdiss
90
mW
Derate linearly from 25 °C
0.9
mW/°C
OUTPUT
Collector emitter voltage
VCE
70
V
Collector current
IC
50
mA
t < 1.0 ms
IC
100
mA
Power dissipation
Pdiss
150
mW
Derate linearly from 25 °C
1.5
mW/°C
COUPLER
Isolation test voltage
VISO
4000
VRMS
Operating temperature
Tamb
-55 to +110
°C
Total package dissipation (LED and detector)
Ptot
240
mW
Storage temperature
Tstg
-55 to +150
°C
Soldering temperature (1)
Max. 10 s, dip soldering distance
to seating plane 3 1.5 mm
Tsld
260
°C
Derate linearly from 25 °C
2.4
mW/°C
0
20
40
60
80
100
120
0
10
20
30
40
50
60
70
80
90
100
Tamb (°C)
83549 graph1
0
20
40
60
80
100
120
0
20
40
60
80
100
Tamb (°C)
120
140
160
83549 graph2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com