Electronic Components Datasheet Search
  English  ▼

X  

IL1208AT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IL1208AT
Description  Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 Package, 110 °C Rated
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL1208AT Datasheet(HTML) 1 Page - Vishay Siliconix

  IL1208AT Datasheet HTML 1Page - Vishay Siliconix IL1208AT Datasheet HTML 2Page - Vishay Siliconix IL1208AT Datasheet HTML 3Page - Vishay Siliconix IL1208AT Datasheet HTML 4Page - Vishay Siliconix IL1208AT Datasheet HTML 5Page - Vishay Siliconix IL1208AT Datasheet HTML 6Page - Vishay Siliconix IL1208AT Datasheet HTML 7Page - Vishay Siliconix IL1208AT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IL1206AT, IL1207AT, IL1208AT
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 23-Nov-2020
1
Document Number: 83549
For technical questions, contact: optocoupler.answers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output, With Base Connection
in SOIC-8 Package, 110 °C Rated
LINKS TO ADDITIONAL RESOURCES
DESCRIPTION
The 110 °C 1206AT, 1207AT, 1208AT are optically coupled
pairs with a gallium arsenide infrared LED and a silicon NPN
phototransistor. Signal information, including a DC level,
can be transmitted by the device while maintaining a high
degree of electrical isolation between input and output. This
family comes in a standard SOIC-8 small outline package for
surface mounting which makes them ideally suited for high
density application with limited space. In addition to
eliminating
through-hole
requirements,
this
package
conforms to standards for surface mounted devices.
A specified minimum and maximum CTR allows a narrow
tolerance in the electrical design of the adjacent circuits. The
high BVCEO of 70 V gives a higher safety margin compared
to the industry standard 30 V.
FEATURES
• Operating temperature from -55 °C to +110 °C
• High BVCEO, 70 V
• Isolation test voltage, 4000 VRMS
• Industry standard SOIC-8 surface mountable
package
• Compatible with dual wave, vapor phase and IR
reflow soldering
• Lead (Pb)-free component
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
•AC adapters
•PLCs
• Switch mode power supplies
•DC/DC converters
• Microprocessor I/O interfaces
• General impedance matching circuits
AGENCY APPROVALS
• UL1577 - file no. E52744 system code Y
• cUL - file no. E52744
• DIN EN 60747-5-5 (VDE 0884) available with option 1
• CSA 93751
• FIMKO
Note
• Additional options may be possible, please contact sales office
1
2
3
4
A
K
NC
NC
8
7
6
5
NC
B
C
E
i179074
Related
Documents
ORDERING INFORMATION
I
L
12
06
A
T
PART NUMBER
TAPE AND
REEL
AGENCY CERTIFIED / PACKAGE
CTR (%)
1 mA
UL, cUL, CSA, FIMKO
63 to 125
100 to 200
160 to 320
SOIC-8
IL1206AT
IL1207AT
IL1208AT
SOIC-8
6.1 mm


Similar Part No. - IL1208AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL1208AT VISHAY-IL1208AT Datasheet
146Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package, 110 °C Rated
08-May-08
IL1208AT VISHAY-IL1208AT Datasheet
153Kb / 8P
Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 Package, 110 °C Rated
23-Nov-2020
More results

Similar Description - IL1208AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL205AT VISHAY-IL205AT_05 Datasheet
259Kb / 7P
Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 package
18-Apr-05
IL1207AT VISHAY-IL1207AT Datasheet
148Kb / 10P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package, 110 °C Rated
08-May-08
VO211AT VISHAY-VO211AT Datasheet
115Kb / 8P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
02-Dec-08
IL1205AT VISHAY-IL1205AT Datasheet
146Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package, 110 °C Rated
08-May-08
IL211AT VISHAY-IL211AT_10 Datasheet
141Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
21-Dec-10
IL213AT VISHAY-IL213AT_V01 Datasheet
138Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
21-Dec-10
VO208AT VISHAY-VO208AT_V01 Datasheet
114Kb / 6P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
22-Nov-12
IL1206AT VISHAY-IL1206AT_V02 Datasheet
153Kb / 8P
Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 Package, 110 °C Rated
23-Nov-2020
IL211AT VISHAY-IL211AT_V02 Datasheet
138Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
21-Dec-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com