Electronic Components Datasheet Search
  English  ▼

X  

ASVDV Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASVDV
Description  CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASVDV Datasheet(HTML) 3 Page - Abracon Corporation

  ASVDV Datasheet HTML 1Page - Abracon Corporation ASVDV Datasheet HTML 2Page - Abracon Corporation ASVDV Datasheet HTML 3Page - Abracon Corporation ASVDV Datasheet HTML 4Page - Abracon Corporation ASVDV Datasheet HTML 5Page - Abracon Corporation ASVDV Datasheet HTML 6Page - Abracon Corporation ASVDV Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 10-26-22
For terms and conditions of sales, please visit:
www.abracon.com
CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR
ASVDV
7.0 x 5.0 x 1.4mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
-6.5
-5.5
-4.5
-3.5
-2.5
-1.5
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
6.5
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
Supply Voltage, Vdd (V)
Frequency vs. Supply Voltage (Vdd) Characteristics
Continuous Voltage Oscillator
4MHz
8MHz
24MHz
26MHz
32MHz
48MHz
Typical Current Consumption (Idd) vs. Supply Voltage (Vdd) Characteristics @25°C± 3°C [Load = 15pF]
Typical Frequency vs. Supply Voltage (Vdd) Characteristics @ 25°C± 3°C
0.0
1.0
2.0
3.0
4.0
5.0
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
Supply Voltage, Vdd (V)
Current Consumption (Idd) vs. Supply Voltage (Vdd) Characteristics [Load=15pF]
Continuous Voltage Oscillator
4MHz
8MHz
24MHz
26MHz
32MHz
48MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com