Electronic Components Datasheet Search
  English  ▼

X  

ASVDV Datasheet(PDF) 4 Page - Abracon Corporation

Part # ASVDV
Description  CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASVDV Datasheet(HTML) 4 Page - Abracon Corporation

  ASVDV Datasheet HTML 1Page - Abracon Corporation ASVDV Datasheet HTML 2Page - Abracon Corporation ASVDV Datasheet HTML 3Page - Abracon Corporation ASVDV Datasheet HTML 4Page - Abracon Corporation ASVDV Datasheet HTML 5Page - Abracon Corporation ASVDV Datasheet HTML 6Page - Abracon Corporation ASVDV Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 10-26-22
For terms and conditions of sales, please visit:
www.abracon.com
CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR
ASVDV
7.0 x 5.0 x 1.4mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
ASVDV-
-
-
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
-40 -35 -30 -25 -20 -15 -10 -5 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85
Temperature (°C)
Frequency vs. Supply Voltage (Vdd) Characteristics
Continuous Voltage Oscillator
4MHz
8MHz
24MHz
26MHz
32MHz
48MHz
Operating Temp.
E: -20°C ~ +70°C
N: -30°C ~ +85°C
L: -40°C ~ +85°C
X: -40°C ~ +105°C
(*)
A: -40°C ~ +125°C
(**)
(*) ±30 ppm, ±50 ppm, &
±100 ppm only
(**) ±50 ppm & ±100
ppm only
Packaging
Blank: Bulk
T: 1k pcs / reel
Overall
Freq. Stability (***)
J: ± 20 ppm
R: ± 25 ppm
K: ± 30 ppm
C: ± 50 ppm
Q: ± 100 ppm
(***) Contact Abracon for
availability, not available
at all operating temp.
ranges nor at all carrier
frequencies
Frequency in MHz
Please specify the
frequency in MHz.
e.g. 14.31818MHz
Part Identification
Typical Frequency vs. Temperature Characteristics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com