Electronic Components Datasheet Search
  English  ▼

X  

ASVDV Datasheet(PDF) 6 Page - Abracon Corporation

Part # ASVDV
Description  CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASVDV Datasheet(HTML) 6 Page - Abracon Corporation

  ASVDV Datasheet HTML 1Page - Abracon Corporation ASVDV Datasheet HTML 2Page - Abracon Corporation ASVDV Datasheet HTML 3Page - Abracon Corporation ASVDV Datasheet HTML 4Page - Abracon Corporation ASVDV Datasheet HTML 5Page - Abracon Corporation ASVDV Datasheet HTML 6Page - Abracon Corporation ASVDV Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 10-26-22
For terms and conditions of sales, please visit:
www.abracon.com
CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR
ASVDV
7.0 x 5.0 x 1.4mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
Table 1
SnPb Eutectic Process
Classification Temperatures (Tc)
Package
Thickness
Volume mm3
<350
Volume mm3
>350
<2.5 mm
235 °C
220 °C
>2.5 mm
220 °C
220 °C
Table 2
Pb-Free Process
Classification Temperatures (Tc)
Package
Thickness
Volume mm3
<350
Volume mm3
350-2000
Volume mm3
>2000
<1.6 mm
260 °C
260 °C
260 °C
1.6 mm - 2.5 mm
260 °C
250 °C
245 °C
>2.5 mm
250 °C
245 °C
245 °C
Profile Feature
Sn-Pb Eutectic
Assembly
Pb-Free
Assembly
Preheat / soak
Temperature minimum (Tsmin)
100°C
150°C
Temperature maximum (Tsmax)
150°C
200°C
Time (Tsmin to Tsmax) (ts)
60 - 120 sec.
60 - 120 sec.
Average ramp-up rate (Tsmax to TP)
3°C/sec. max
3°C/sec. max
Liquidous temperature (TL)
183°C
217°C
Time at liquidous (tL)
60 - 150 sec.
60 - 150 sec.
Peak package body temperature (TP)
*
see Table 1
see Table 2
Time (tp
)** within 5°C of the specified classification temperature (TC)
20 sec.
30 sec.
Ramp-down rate (Tp to Tsmax)
6°C/sec. max
6°C/sec. max
Time 25°C to peak temperature
6 min. max
8 min. max
Reflow cycles
2 max
2 max
*Tolerance for peak profile temperature (TP) is defined as a supplier minimum and a user maximum.
**Tolerance for time at peak profile temperature (tp) is defined as supplier minimum and a user maximum.
Reflow Profile [JEDEC J-STD-020]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com