Electronic Components Datasheet Search
  English  ▼

X  

NCV7705 Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCV7705
Description  Mirror-Module Driver-IC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7705 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCV7705 Datasheet HTML 9Page - ON Semiconductor NCV7705 Datasheet HTML 10Page - ON Semiconductor NCV7705 Datasheet HTML 11Page - ON Semiconductor NCV7705 Datasheet HTML 12Page - ON Semiconductor NCV7705 Datasheet HTML 13Page - ON Semiconductor NCV7705 Datasheet HTML 14Page - ON Semiconductor NCV7705 Datasheet HTML 15Page - ON Semiconductor NCV7705 Datasheet HTML 16Page - ON Semiconductor NCV7705 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
NCV7705(A), NCV7706
www.onsemi.com
13
ELECTRICAL CHARACTERISTICS (continued)
4.5 V < VCC < 5.25 V, 8 V < Vs < 18 V, −40°C < TJ < 150°C; unless otherwise noted.
Symbol
Unit
Max
Typ
Min
Test Conditions
Parameter
CURRENT SENSE MONITOR OUTPUT ISOUT/PWM2
Vis
Current Sense output functional
voltage range
VCC = 5 V, Vs = 8−20 V
0
VCC − 0.5
V
Kis
Current Sense output ratio OUT1/4
K = Iout / Iis,
0 V
v Vis v 4.5 V, VCC = 5 V
12000
Current Sense output ratio OUT9
and 5 (low on−resistance bulb
mode)
10000
Current Sense output ratio OUT6
(low on−resistance bulb mode)
5000
Current Sense output ratio OUT7/8
and 5/6 (high on−resistance LED
mode)
2000
Iis,acc
(Notes 6 and 7)
Current Sense output accuracy
OUT1/4
0.3 V
v Vis v 4.5 V, VCC = 5 V
Iout1/4 = 0.5−2.9 A
−12.5% −
1% FS
12.5% +
1% FS
Current Sense output accuracy
OUT5/6 (low on−resistance bulb
mode)
0.3 V
v Vis v 4.5 V, VCC = 5 V
Iout5 = 0.5−1.3 A,
Iout6 = 0.25−0.65 A
−14% −
1% FS
14% +
1% FS
Current Sense output accuracy
OUT5/6 (high on−resistance LED
mode)
0.3 V
v Vis v 4.5 V, VCC = 5 V
Iout5,6 = 0.1−0.3 A
−14% −
1% FS
14% +
1% FS
Current Sense output accuracy
OUT7/8
0.3 V
v Vis v 4.5 V, VCC = 5 V
−8% −
1.5% FS
8% +
1.5% FS
Current Sense output accuracy
OUT9
0.3 V
v Vis v 4.5 V, VCC = 5 V
Iout9 = 0.5−5.9 A
−10% −
1.5% FS
10% +
1.5% FS
tis_blank
Current Sense blanking time
Blanking time after current sense
selection or driver activation
50
65
ms
tis
Current Sense settling time
0 V to FSR (full scale range)
230
265
ms
6. Current sense output accuracy = Isout−Isout_ideal relative to Isout_ideal
7. FS (Full scale) = Ioutmax/Kis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com