Electronic Components Datasheet Search
  English  ▼

X  

TLV271 Datasheet(PDF) 8 Page - ON Semiconductor

Part # TLV271
Description  Operational Amplifier, Rail-to-Rail Output, 3 MHz BW
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TLV271 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button TLV271 Datasheet HTML 4Page - ON Semiconductor TLV271 Datasheet HTML 5Page - ON Semiconductor TLV271 Datasheet HTML 6Page - ON Semiconductor TLV271 Datasheet HTML 7Page - ON Semiconductor TLV271 Datasheet HTML 8Page - ON Semiconductor TLV271 Datasheet HTML 9Page - ON Semiconductor TLV271 Datasheet HTML 10Page - ON Semiconductor TLV271 Datasheet HTML 11Page - ON Semiconductor TLV271 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TLV271, TLV272, NCV272, TLV274, NCV274
www.onsemi.com
8
TLV/NCV 272/274 DC ELECTRICAL CHARACTERISTICS
((VDD = 2.7 V, 5 V, 10 V, 36 V), TA = 25°C, RL w 10 kW unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VIO
VIC = VDD/2, VO = VDD/2, RL = 10 kW
1.3
±3
mV
TA = −40°C to +125°C
±4
Offset Voltage Drift
ICVOS
VIC = VDD/2, VO = VDD/2, RL = 10 kW
2
mV/°C
Common Mode
Rejection Ratio
CMRR
VCM = VSS + 0.2 V to VDD − 1.35 V
VDD = 2.7 V
90
110
dB
TA = −40°C to +125°C
69
VCM = VSS + 0.2 V to VDD − 1.35 V
VDD = 5 V
102
125
TA = −40°C to +125°C
80
VCM = VSS + 0.2 V to VDD − 1.35 V
VDD = 10 V
110
130
TA = −40°C to +125°C
87
VCM = VSS + 0.2 V to VDD − 1.35 V
VDD = 36 V
120
145
TA = −40°C to +125°C (TLV/NCV272)
(TLV/NCV274)
95
85
Power Supply
Rejection Ratio
PSRR
VDD = 2.7 V to 36 V, VIC = VDD/2, No Load
114
135
dB
TA = −40°C to +125°C
100
Large Signal
Voltage Gain
AVD
VO(pp) = VDD/2, RL = 10 kW
VDD = 2.7 V
96
118
dB
TA = −40°C to +125°C
86
VO(pp) = VDD/2, RL = 10 kW
VDD = 5 V
96
120
TA = −40°C to +125°C
86
VO(pp) = VDD/2, RL = 10 kW
VDD = 10 V
98
120
TA = −40°C to +125°C
88
VO(pp) = VDD/2, RL = 10 kW
VDD = 36 V
98
120
TA = −40°C to +125°C
88
Input Bias Current
IB
VDD = 5 V, VIC = VDD/2, VO = VDD/2
TA = 25°C
5
200
pA
VDD = 2.7 to 36 V,
TA = −40°C to +125°C
TLV/NCV272
2000
TLV/NCV274
1500
Input Offset Current
IIO
VDD = 5 V, VIC = VDD/2, VO = VDD/2,
RS = 50 W
TA = 25°C
2
75
pA
VDD = 2.7 to 36 V,
TA = −40°C to +125°C
TLV/NCV272
500
TLV/NCV274
200
Channel Separation
XTLK
DC
TLV/NCV272
100
dB
TLV/NCV274
115
dB
Differential Input
Resistance
Ri(d)
5
GW
Common−mode
Input Capacitance
CIC
3.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com