Electronic Components Datasheet Search
  English  ▼

X  

TLV271 Datasheet(PDF) 3 Page - ON Semiconductor

Part # TLV271
Description  Operational Amplifier, Rail-to-Rail Output, 3 MHz BW
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TLV271 Datasheet(HTML) 3 Page - ON Semiconductor

  TLV271 Datasheet HTML 1Page - ON Semiconductor TLV271 Datasheet HTML 2Page - ON Semiconductor TLV271 Datasheet HTML 3Page - ON Semiconductor TLV271 Datasheet HTML 4Page - ON Semiconductor TLV271 Datasheet HTML 5Page - ON Semiconductor TLV271 Datasheet HTML 6Page - ON Semiconductor TLV271 Datasheet HTML 7Page - ON Semiconductor TLV271 Datasheet HTML 8Page - ON Semiconductor TLV271 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TLV271, TLV272, NCV272, TLV274, NCV274
www.onsemi.com
3
1
4
3
2
14
11
12
13
OUT 1
IN− 1
IN+ 1
VDD
OUT 4
IN− 4
IN+ 4
VSS
7
6
5
8
9
10
IN+ 2
IN− 2
OUT 2
IN+ 3
IN− 3
OUT 3
+
−
+
−
−
+
+
−
Single Channel Configuration
TLV271
Dual Channel Configuration
TLV272, NCV272
Quadruple Channel Configuration
TLV274, NCV274
1
3
2
5
4
OUT
IN−
IN+
Style 1 Pinout (SN1T1)
(Top View)
1
4
3
2
8
5
6
7
OUT 1
IN− 1
IN+ 1
VSS
VDD
OUT 2
IN− 2
IN+ 2
+
+
−
−
PIN CONNECTIONS
VDD
VEE
1
3
2
5
4
OUT
IN−
IN+
Style 2 Pinout (SN2T1)
(Top View)
VEE
VDD
ORDERING INFORMATION
Device
Configuration
Automotive
Marking
Package
Shipping†
TLV271SN1T1G
(Style 1 Pinout)
Single
No
ADG
TSOP−5
3000 / Tape and Reel
TLV271SN2T1G
(Style 2 Pinout)
ADH
3000 / Tape and Reel
TLV272DR2G
Dual
V272
SOIC−8
2500 / Tape and Reel
TLV272DMR2G
V272
Micro−8/MSOP−8
4000 / Tape and Reel
TLV274DR2G
Quad
V274
SOIC−14
2500 / Tape and Reel
TLV274DTBR2G
V274
TSSOP−14
2500 / Tape and Reel
NCV272DR2G*
Dual
Yes
V272
SOIC−8
2500 / Tape and Reel
NCV272DMR2G*
V272
Micro−8/MSOP−8
4000 / Tape and Reel
NCV274DR2G*
Quad
V274
SOIC−14
2500 / Tape and Reel
NCV274DTBR2G*
V274
TSSOP−14
2500 / Tape and Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com