Electronic Components Datasheet Search
  English  ▼

X  

TLV271 Datasheet(PDF) 2 Page - ON Semiconductor

Part # TLV271
Description  Operational Amplifier, Rail-to-Rail Output, 3 MHz BW
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TLV271 Datasheet(HTML) 2 Page - ON Semiconductor

  TLV271 Datasheet HTML 1Page - ON Semiconductor TLV271 Datasheet HTML 2Page - ON Semiconductor TLV271 Datasheet HTML 3Page - ON Semiconductor TLV271 Datasheet HTML 4Page - ON Semiconductor TLV271 Datasheet HTML 5Page - ON Semiconductor TLV271 Datasheet HTML 6Page - ON Semiconductor TLV271 Datasheet HTML 7Page - ON Semiconductor TLV271 Datasheet HTML 8Page - ON Semiconductor TLV271 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
TLV271, TLV272, NCV272, TLV274, NCV274
www.onsemi.com
2
SOIC−14 NB
CASE 751A
V274G
AWLYWW
1
14
TSOP−5
CASE 483
Micro8
CASE 846A
SOIC−8
CASE 751
V272
ALYW
G
1
8
V274
ALYWG
G
1
14
TSSOP−14
CASE 948G
Single Channel Configuration
TLV271
Dual Channel Configuration
TLV272, NCV272
Quad Channel Configuration
TLV274, NCV274
XXXXX = Specific Device Code
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW, W = Work Week
G or G = Pb−Free Package
V272
AYWG
G
1
8
(Note: Microdot may be in either location)
MARKING DIAGRAMS
XXX
= ADG (TLV271SN1T1G)
= ADH (TLV271SN2T1G)
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
1
5
XXXAYWG
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com