| Electronic Components Datasheet Search |
|
RPC2512 Datasheet(PDF) 5 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
RPC2512 Datasheet(HTML) 5 Page - Stackpole Electronics, Inc. |
|
5 / 12 page ![]() Rev Date: 5/24/2022 5 www.seielect.com This specification may be changed at any time without prior notice. marketing@seielect.com Please confirm technical specifications before you order and/or use. RPC Series Pulse Withstanding Thick Film Chip Resistor Stackpole Electronics, Inc. Resistive Product Solutions Packaging Specifications – Embossed Plastic Tape Packaging Specifications - Paper Tape Type/Code Unit 0.026 ± 0.004 0.045 ± 0.004 0.315 ± 0.008 0.069 ± 0.004 0.138 ± 0.002 inches 0.65 ± 0.10 1.15 ± 0.10 8.00 ± 0.20 1.75 ± 0.10 3.50 ± 0.05 mm 0.043 ± 0.004 0.075 ± 0.004 0.315 ± 0.008 0.069 ± 0.004 0.138 ± 0.002 inches 1.10 ± 0.10 1.90 ± 0.10 8.00 ± 0.20 1.75 ± 0.10 3.50 ± 0.05 mm 0.063 ± 0.004 0.094 ± 0.008 0.315 ± 0.008 0.069 ± 0.004 0.138 ± 0.002 inches 1.60 ± 0.10 2.40 ± 0.20 8.00 ± 0.20 1.75 ± 0.10 3.50 ± 0.05 mm 0.075 ± 0.004 0.138 ± 0.008 0.315 ± 0.008 0.069 ± 0.004 0.138 ± 0.002 inches 1.90 ± 0.10 3.50 ± 0.20 8.00 ± 0.20 1.75 ± 0.10 3.50 ± 0.05 mm 0.114 ± 0.004 0.138 ± 0.008 0.315 ± 0.008 0.069 ± 0.004 0.138 ± 0.002 inches 2.90 ± 0.10 3.50 ± 0.20 8.00 ± 0.20 1.75 ± 0.10 3.50 ± 0.05 mm F RPC0805 RPC1206 RPC1210 RPC0402 A B W E RPC0603 Type/Code Unit 0.157 ± 0.004 0.079 ± 0.002 0.079 ± 0.002 0.059 ± 0.004 0.018 ± 0.004 inches 4.00 ± 0.10 2.00 ± 0.05 2.00 ± 0.05 1.50 ± 0.10 0.45 ± 0.10 mm 0.157 ± 0.004 0.157 ± 0.002 0.079 ± 0.002 0.059 ± 0.004 0.028 ± 0.004 inches 4.00 ± 0.10 4.00 ± 0.05 2.00 ± 0.05 1.50 ± 0.10 0.70 ± 0.10 mm 0.157 ± 0.004 0.157 ± 0.002 0.079 ± 0.002 0.059 ± 0.004 0.033 ± 0.004 inches 4.00 ± 0.10 4.00 ± 0.05 2.00 ± 0.05 1.50 ± 0.10 0.85 ± 0.10 mm 0.157 ± 0.004 0.157 ± 0.002 0.079 ± 0.002 0.059 ± 0.004 0.033 ± 0.004 inches 4.00 ± 0.10 4.00 ± 0.05 2.00 ± 0.05 1.50 ± 0.10 0.85 ± 0.10 mm 0.157 ± 0.004 0.157 ± 0.002 0.079 ± 0.002 0.059 ± 0.004 0.033 ± 0.004 inches 4.00 ± 0.10 4.00 ± 0.05 2.00 ± 0.05 1.50 ± 0.10 0.85 ± 0.10 mm RPC0805 P0 RPC1206 RPC1210 P2 RPC0603 ØD0 T RPC0402 P1 Type/Code Unit 0.110 ± 0.004 0.217 ± 0.004 0.472 ± 0.012 0.069 ± 0.004 0.217 ± 0.002 inches 2.80 ± 0.10 5.50 ± 0.10 12.00 ± 0.30 1.75 ± 0.10 5.50 ± 0.05 mm 0.138 ± 0.004 0.264 ± 0.004 0.472 ± 0.012 0.069 ± 0.004 0.217 ± 0.002 inches 3.50 ± 0.10 6.70 ± 0.10 12.00 ± 0.30 1.75 ± 0.10 5.50 ± 0.05 mm Type/Code Unit 0.157 ± 0.004 0.157 ± 0.004 0.079 ± 0.002 0.059 ± 0.004 0.047 - 0.000 inches 4.00 ± 0.10 4.00 ± 0.10 2.00 ± 0.05 1.50 ± 0.10 1.20 - 0.00 mm 0.157 ± 0.004 0.157 ± 0.004 0.079 ± 0.002 0.059 ± 0.004 0.047 - 0.000 inches 4.00 ± 0.10 4.00 ± 0.10 2.00 ± 0.05 1.50 ± 0.10 1.20 - 0.00 mm T RPC2010 RPC2512 P0 A B W E F RPC2010 RPC2512 P1 P2 ØD0 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |