Electronic Components Datasheet Search
  English  ▼

X  

RPC2512 Datasheet(PDF) 10 Page - Stackpole Electronics, Inc.

Part # RPC2512
Description  Pulse Withstanding Thick Film Chip Resistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RPC2512 Datasheet(HTML) 10 Page - Stackpole Electronics, Inc.

Back Button RPC2512 Datasheet HTML 4Page - Stackpole Electronics, Inc. RPC2512 Datasheet HTML 5Page - Stackpole Electronics, Inc. RPC2512 Datasheet HTML 6Page - Stackpole Electronics, Inc. RPC2512 Datasheet HTML 7Page - Stackpole Electronics, Inc. RPC2512 Datasheet HTML 8Page - Stackpole Electronics, Inc. RPC2512 Datasheet HTML 9Page - Stackpole Electronics, Inc. RPC2512 Datasheet HTML 10Page - Stackpole Electronics, Inc. RPC2512 Datasheet HTML 11Page - Stackpole Electronics, Inc. RPC2512 Datasheet HTML 12Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Rev Date: 5/24/2022
10
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RPC Series
Pulse Withstanding Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Continuous Pulse
The continuous load graph was obtained by applying repetitive rectangular pulses where the pulse period was adjusted
so that the average power dissipated in the resistor was equal to its rated power at 70 ºC. Again, the limit of
acceptance was a shift in resistance of less than 1% from the initial value.
Continuous Pulse Power (100 ohms)
RPC (Standard Power) tolerances of 0.5% and 1%
RPC-HP (High Power) all tolerances
RPC-UP (Ultra High Power) all tolerances
Continuous Pulse Power (100 ohms)
RPC (Standard Power)
Tolerances of 5%, 10% and 20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com