Electronic Components Datasheet Search
  English  ▼

X  

RPC2512 Datasheet(PDF) 6 Page - Stackpole Electronics, Inc.

Part # RPC2512
Description  Pulse Withstanding Thick Film Chip Resistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RPC2512 Datasheet(HTML) 6 Page - Stackpole Electronics, Inc.

Back Button RPC2512 Datasheet HTML 2Page - Stackpole Electronics, Inc. RPC2512 Datasheet HTML 3Page - Stackpole Electronics, Inc. RPC2512 Datasheet HTML 4Page - Stackpole Electronics, Inc. RPC2512 Datasheet HTML 5Page - Stackpole Electronics, Inc. RPC2512 Datasheet HTML 6Page - Stackpole Electronics, Inc. RPC2512 Datasheet HTML 7Page - Stackpole Electronics, Inc. RPC2512 Datasheet HTML 8Page - Stackpole Electronics, Inc. RPC2512 Datasheet HTML 9Page - Stackpole Electronics, Inc. RPC2512 Datasheet HTML 10Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Rev Date: 5/24/2022
6
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RPC Series
Pulse Withstanding Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
1.
No marking for 0402
2.
3-digit marking for 0603 in E24
3.
4-digit marking for 0805-2512
Recommended Pad Layout
Type/Code
a
b
c
Unit
0.020
0.018
0.024
inches
0.50
0.45
0.60
mm
0.035
0.024
0.035
inches
0.90
0.60
0.90
mm
0.047
0.028
0.051
inches
1.20
0.70
1.30
mm
0.079
0.035
0.063
inches
2.00
0.90
1.60
mm
0.079
0.035
0.110
inches
2.00
0.90
2.80
mm
0.150
0.035
0.110
inches
3.80
0.90
2.80
mm
0.193
0.039
0.134
inches
4.90
1.00
3.40
mm
RPC1210
RPC2010
RPC2512
RPC0402
RPC0603
RPC0805
RPC1206
Marking
3-digit marking for 0603 in E24
Example:
101 = 100 Ω
102 = 1K Ω
1st and 2nd digits are E24 code
3rd digit is the multiplier
101
E24 Code 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91
Resistance
100 Ω
2.2K Ω
10K Ω
100K Ω
1M Ω
Marking
1000
2201
1002
1003
1004
4-digit marking for 0805-2512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com