Electronic Components Datasheet Search
  English  ▼

X  

RPCA Datasheet(PDF) 5 Page - Stackpole Electronics, Inc.

Part # RPCA
Description  Automotive Grade Surge Withstanding Chip Resistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RPCA Datasheet(HTML) 5 Page - Stackpole Electronics, Inc.

  RPCA Datasheet HTML 1Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 2Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 3Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 4Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 5Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 6Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 7Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 8Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Rev Date: 8/11/2022
5
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RPCA Series
Automotive Grade Surge Withstanding Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Packaging Specifications - Paper Tape
Reel Specifications
7.028 ± 0.059
2.362 +0.039/-0
0.512 ± 0.008
0.354 ± 0.020
0.492 ± 0.020
inches
178.50 ± 1.50
60 +1/-0
13.00 ± 0.20
9.00 ± 0.50
12.50 ± 0.50
mm
7.028 ± 0.059
2.362 +0.039/-0
0.512 ± 0.008
0.354 ± 0.020
0.492 ± 0.020
inches
178.50 ± 1.50
60 +1/-0
13.00 ± 0.20
9.00 ± 0.50
12.50 ± 0.50
mm
7.028 ± 0.059
2.362 +0.039/-0
0.512 ± 0.008
0.354 ± 0.020
0.492 ± 0.020
inches
178.50 ± 1.50
60 +1/-0
13.00 ± 0.20
9.00 ± 0.50
12.50 ± 0.50
mm
7.028 ± 0.059
2.362 +0.039/-0
0.512 ± 0.008
0.354 ± 0.020
0.492 ± 0.020
inches
178.50 ± 1.50
60 +1/-0
13.00 ± 0.20
9.00 ± 0.50
12.50 ± 0.50
mm
7.028 ± 0.059
2.362 +0.039/-0
0.512 ± 0.008
0.354 ± 0.020
0.492 ± 0.020
inches
178.50 ± 1.50
60 +1/-0
13.00 ± 0.20
9.00 ± 0.50
12.50 ± 0.50
mm
7.028 ± 0.059
2.362 +0.039/-0
0.512 ± 0.020
0.512 ± 0.020
0.610 ± 0.020
inches
178.50 ± 1.50
60 +1/-0
13.00 ± 0.50
13.00 ± 0.50
15.50 ± 0.50
mm
7.028 ± 0.059
2.362 +0.039/-0
0.512 ± 0.020
0.512 ± 0.020
0.610 ± 0.020
inches
178.50 ± 1.50
60 +1/-0
13.00 ± 0.50
13.00 ± 0.50
15.50 ± 0.50
mm
12 mm
RPCA0402
RPCA0603
RPCA0805
RPCA1206
RPCA1210
RPCA2010
Unit
W
T
Type/Code
Reel Diameter
7 inches
A
B
C
RPCA2512
Packaging
Paper
Embossed
Tape Width
8 mm
Type/Code
Unit
0.026 ± 0.004
0.045 ± 0.004
0.315 ± 0.008
0.069 ± 0.004
0.138 ± 0.002
inches
0.65 ± 0.10
1.15 ± 0.10
8.00 ± 0.20
1.75 ± 0.10
3.50 ± 0.05
mm
0.043 ± 0.004
0.075 ± 0.004
0.315 ± 0.008
0.069 ± 0.004
0.138 ± 0.002
inches
1.10 ± 0.10
1.90 ± 0.10
8.00 ± 0.20
1.75 ± 0.10
3.50 ± 0.05
mm
0.063 ± 0.004
0.094 ± 0.008
0.315 ± 0.008
0.069 ± 0.004
0.138 ± 0.002
inches
1.60 ± 0.10
2.40 ± 0.20
8.00 ± 0.20
1.75 ± 0.10
3.50 ± 0.05
mm
0.075 ± 0.004
0.138 ± 0.008
0.315 ± 0.008
0.069 ± 0.004
0.138 ± 0.002
inches
1.90 ± 0.10
3.50 ± 0.20
8.00 ± 0.20
1.75 ± 0.10
3.50 ± 0.05
mm
0.114 ± 0.004
0.138 ± 0.008
0.315 ± 0.008
0.069 ± 0.004
0.138 ± 0.002
inches
2.90 ± 0.10
3.50 ± 0.20
8.00 ± 0.20
1.75 ± 0.10
3.50 ± 0.05
mm
F
RPCA0805
RPCA1206
RPCA1210
RPCA0402
A
B
W
E
RPCA0603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com