Electronic Components Datasheet Search
  English  ▼

X  

RPCA Datasheet(PDF) 11 Page - Stackpole Electronics, Inc.

Part # RPCA
Description  Automotive Grade Surge Withstanding Chip Resistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RPCA Datasheet(HTML) 11 Page - Stackpole Electronics, Inc.

Back Button RPCA Datasheet HTML 5Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 6Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 7Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 8Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 9Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 10Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 11Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 12Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 13Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Rev Date: 8/11/2022
11
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RPCA Series
Automotive Grade Surge Withstanding Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Continuous Pulse
The continuous load graph was obtained by applying repetitive rectangular pulses where the pulse period was adjusted
so that the average power dissipated in the resistor was equal to its rated power at 70 ºC. Again, the limit of
acceptance was a shift in resistance of less than 1% from the initial value.
Continuous Pulse Power (100 ohms)
RPCA (Standard Power) tolerances of 0.5% and 1%
RPCA-HP (High Power) all tolerances
RPCA-UP (Ultra High Power) all tolerances
Continuous Pulse Power (100 ohms)
RPCA (Standard Power)
Tolerances of 5%, 10% and 20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com