Electronic Components Datasheet Search
  English  ▼

X  

RPCA Datasheet(PDF) 6 Page - Stackpole Electronics, Inc.

Part # RPCA
Description  Automotive Grade Surge Withstanding Chip Resistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RPCA Datasheet(HTML) 6 Page - Stackpole Electronics, Inc.

Back Button RPCA Datasheet HTML 2Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 3Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 4Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 5Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 6Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 7Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 8Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 9Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 10Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Rev Date: 8/11/2022
6
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RPCA Series
Automotive Grade Surge Withstanding Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
1.
No marking for 0402
2.
3-digit marking for 0603 in E24
3.
4-digit marking for 0805-2512
Packaging Specifications
– Embossed Plastic Tape
Marking
3-digit marking for 0603 in E24
Example:
101 = 100 Ω
102 = 1K Ω
1st and 2nd digits are E24 code
3rd digit is the multiplier
101
E24 Code 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91
Resistance
100 Ω
2.2K Ω
10K Ω
100K Ω
1M Ω
Marking
1000
2201
1002
1003
1004
4-digit marking for 0805-2512
Packaging Specifications - Paper Tape (cont.)
Type/Code
Unit
0.157 ± 0.004
0.079 ± 0.002
0.079 ± 0.002
0.059 + 0.004/-0
0.018 ± 0.004
inches
4.00 ± 0.10
2.00 ± 0.05
2.00 ± 0.05
1.50 + 0.1/-0
0.45 ± 0.10
mm
0.157 ± 0.004
0.157 ± 0.002
0.079 ± 0.002
0.059 + 0.004/-0
0.028 ± 0.004
inches
4.00 ± 0.10
4.00 ± 0.05
2.00 ± 0.05
1.50 + 0.1/-0
0.70 ± 0.10
mm
0.157 ± 0.004
0.157 ± 0.002
0.079 ± 0.002
0.059 + 0.004/-0
0.033 ± 0.004
inches
4.00 ± 0.10
4.00 ± 0.05
2.00 ± 0.05
1.50 + 0.1/-0
0.85 ± 0.10
mm
0.157 ± 0.004
0.157 ± 0.002
0.079 ± 0.002
0.059 + 0.004/-0
0.033 ± 0.004
inches
4.00 ± 0.10
4.00 ± 0.05
2.00 ± 0.05
1.50 + 0.1/-0
0.85 ± 0.10
mm
0.157 ± 0.004
0.157 ± 0.002
0.079 ± 0.002
0.059 + 0.004/-0
0.033 ± 0.004
inches
4.00 ± 0.10
4.00 ± 0.05
2.00 ± 0.05
1.50 + 0.1/-0
0.85 ± 0.10
mm
RPCA0805
P0
RPCA1206
RPCA1210
P2
RPCA0603
ØD0
T
RPCA0402
P1
Type/Code
Unit
0.110 ± 0.004
0.213 ± 0.008
0.472 ± 0.012
0.069 ± 0.004
0.217 ± 0.002
inches
2.80 ± 0.10
5.40 ± 0.20
12.00 ± 0.30
1.75 ± 0.10
5.50 ± 0.05
mm
0.138 ± 0.004
0.264 ± 0.004
0.472 ± 0.012
0.069 ± 0.004
0.217 ± 0.002
inches
3.50 ± 0.10
6.70 ± 0.10
12.00 ± 0.30
1.75 ± 0.10
5.50 ± 0.05
mm
Type/Code
Unit
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.002
0.059 + 0.004/-0
0.047 - 0.000
inches
4.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
1.50 + 0.1/-0
1.20 - 0.00
mm
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.002
0.059 + 0.004/-0
0.047 - 0.000
inches
4.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
1.50 + 0.1/-0
1.20 - 0.00
mm
T
RPCA2010
RPCA2512
P0
A
B
W
E
F
RPCA2010
RPCA2512
P1
P2
ØD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com