Electronic Components Datasheet Search
  English  ▼

X  

24LCS22A Datasheet(PDF) 4 Page - Microchip Technology

Part # 24LCS22A
Description  2K VESA짰 E-EDID??Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS22A Datasheet(HTML) 4 Page - Microchip Technology

  24LCS22A Datasheet HTML 1Page - Microchip Technology 24LCS22A Datasheet HTML 2Page - Microchip Technology 24LCS22A Datasheet HTML 3Page - Microchip Technology 24LCS22A Datasheet HTML 4Page - Microchip Technology 24LCS22A Datasheet HTML 5Page - Microchip Technology 24LCS22A Datasheet HTML 6Page - Microchip Technology 24LCS22A Datasheet HTML 7Page - Microchip Technology 24LCS22A Datasheet HTML 8Page - Microchip Technology 24LCS22A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
24LCS22A
DS21682B-page 4
 2003 Microchip Technology Inc.
2.0
FUNCTIONAL DESCRIPTION
The 24LCS22A is designed to comply to the DDC
Standard proposed by VESA (Figure 3-3) with the
exception that it is not Access.bus capable. It operates
in two modes, the Transmit-only mode (1K-bit) and the
Bidirectional mode (2K-bit). There is a separate 2-wire
protocol to support each mode, each having a separate
clock input but sharing a common data line (SDA). The
device enters the Transmit-only mode upon power-up.
In this mode, the device transmits data bits on the SDA
pin in response to a clock signal on the VCLK pin. The
device will remain in this mode until a valid high-to-low
transition is placed on the SCL input. When a valid
transition on SCL is recognized, the device will switch
into the Bidirectional mode and look for its control byte
to be sent by the master. If it detects its control byte, it
will stay in the Bidirectional mode. Otherwise, it will
revert to the Transmit-only mode after it sees 128
VCLK pulses.
2.1
Transmit-Only Mode
The device will power up in the Transmit-only mode at
address 00H. This mode supports a unidirectional
2-wire protocol for continuous transmission of the first
1K-bit of the memory array. This device requires that it
be initialized prior to valid data being sent in the
Transmit-only mode (Section 2.2 “Initialization Pro-
cedure”). In this mode, data is transmitted on the SDA
pin in 8-bit bytes, with each byte followed by a ninth,
null bit (Figure 2-1). The clock source for the Transmit-
only mode is provided on the VCLK pin, and a data bit
is output on the rising edge on this pin. The eight bits in
each byte are transmitted Most Significant bit first.
Each byte within the memory array will be output in
sequence. After address 7Fh in the memory array is
transmitted, the internal address pointers will wrap
around to the first memory location (00h) and continue.
The Bidirectional mode clock (SCL) pin must be held
high for the device to remain in the Transmit-only
mode.
2.2
Initialization Procedure
After VCC has stabilized, the device will be in the
Transmit-only mode. Nine clock cycles on the VCLK pin
must be given to the device for it to perform internal
sychronization. During this period, the SDA pin will be
in a high-impedance state. On the rising edge of the
tenth clock cycle, the device will output the first valid
data bit which will be the Most Significant bit in address
00h. (Figure 2-2).
FIGURE 2-1:
TRANSMIT-ONLY MODE
FIGURE 2-2:
DEVICE INITIALIZATION
SCL
SDA
VCLK
TVAA
TVAA
Bit 1 (LSB)
Null Bit
Bit 1 (MSB)
Bit 7
TVLOW
TVHIGH
TVAA
TVAA
Bit 8
Bit 7
High-impedance for 9 clock cycles
TVPU
12
8
9
10
11
SCL
SDA
VCLK
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com