Electronic Components Datasheet Search
  English  ▼

X  

24LCS22A Datasheet(PDF) 2 Page - Microchip Technology

Part # 24LCS22A
Description  2K VESA짰 E-EDID??Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS22A Datasheet(HTML) 2 Page - Microchip Technology

  24LCS22A Datasheet HTML 1Page - Microchip Technology 24LCS22A Datasheet HTML 2Page - Microchip Technology 24LCS22A Datasheet HTML 3Page - Microchip Technology 24LCS22A Datasheet HTML 4Page - Microchip Technology 24LCS22A Datasheet HTML 5Page - Microchip Technology 24LCS22A Datasheet HTML 6Page - Microchip Technology 24LCS22A Datasheet HTML 7Page - Microchip Technology 24LCS22A Datasheet HTML 8Page - Microchip Technology 24LCS22A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
24LCS22A
DS21682B-page 2
 2003 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
VCC.............................................................................................................................................................................7.0V
All inputs and outputs w.r.t. VSS ......................................................................................................... -0.6V to VCC +1.0V
Storage temperature ...............................................................................................................................-65
°C to +150°C
Ambient temperature with power applied ................................................................................................-65
°C to +125°C
ESD protection on all pins
......................................................................................................................................................≥ 4kV
TABLE 1-1:
DC CHARACTERISTICS
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
DC CHARACTERISTICS
Vcc = +2.5V to 5.5V
Industrial (I): TA = -40°C to +85°C
Param.
No.
Sym
Characteristic
Min.
Max.
Units
Test Conditions
SCL and SDA pins:
D1
VIH
High-level input voltage
0.7 VCC
—V
D2
VIL
Low-level input voltage
—
0.3 VCC
V
Input levels on VCLK pin:
D3
VIH
High-level input voltage
2.0
—
V
VCC
≥ 2.7V (Note)
D4
VIL
Low-level input voltage
—
0.2 VCC
VVCC
≤ 2.7V (Note)
D5
VHYS
Hysteresis of Schmitt Trigger
Inputs
.05 VCC
—V
(Note)
D6
VOL1
Low-level output voltage
—
0.4
V
IOL = 3 mA, VCC = 2.5V (Note)
D7
VOL2
Low-level output voltage
—
0.6
V
IOL = 6 mA, VCC = 2.5V
D8
ILI
Input leakage current
—
±1
µAVIN = 0.1V to VCC
D9
ILO
Output leakage current
—
±1
µAVOUT = 0.1V to VCC
D10
CIN, COUT
Pin capacitance
(all inputs/outputs)
—10
pF
VCC = 5.0V (Note)
TA = 25°C, FCLK = 1 MHz
Operating current:
D10
ICC WRITE
Operating current
—
3
mA
VCC = 5.5V,
D11
ICC READ
Operating current
—
1
mA
VCC = 5.5V, SCL = 400 kHz
D12
ICCS
Standby current
—
—
30
100
µA
µA
VCC = 3.0V, SDA = SCL = VCC
VCC = 5.5V, SDA = SCL = VCC
VCLK = VSS
Note:
This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com