Electronic Components Datasheet Search
  English  ▼

X  

24LCS22A Datasheet(PDF) 1 Page - Microchip Technology

Part # 24LCS22A
Description  2K VESA짰 E-EDID??Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS22A Datasheet(HTML) 1 Page - Microchip Technology

  24LCS22A Datasheet HTML 1Page - Microchip Technology 24LCS22A Datasheet HTML 2Page - Microchip Technology 24LCS22A Datasheet HTML 3Page - Microchip Technology 24LCS22A Datasheet HTML 4Page - Microchip Technology 24LCS22A Datasheet HTML 5Page - Microchip Technology 24LCS22A Datasheet HTML 6Page - Microchip Technology 24LCS22A Datasheet HTML 7Page - Microchip Technology 24LCS22A Datasheet HTML 8Page - Microchip Technology 24LCS22A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2003 Microchip Technology Inc.
DS21682B-page 1
24LCS22A
Features
• Single supply with operation down to 2.5V
• Supports Enhanced EDID™ (E-EDID™) 1.3
• Completely implements DDC1/DDC2™ interface
for monitor identification, including recovery to
DDC1
• 2K-bit Serial EEPROM Low-power CMOS
technology:
- 1 mA typical active current
-10
µA standby current typical at 5.5V
• 2-wire serial interface bus, I2C™ compatible
• 100 kHz (2.5V) and 400 kHz (5V) compatibility
• Self timed write cycle (including auto-erase)
• Hardware write-protect pin
• Page write buffer for up to eight bytes
• 1,000,000 erase write cycles
• Data retention > 200 years
• ESD protection > 4000V
• 8-pin DIP and SOIC packages
• Available temperature ranges:
Description
The Microchip Technology Inc. 24LCS22A is a 256 x 8-bit
dual-mode Electrically Erasable PROM (EEPROM). This
device is designed for use in applications requiring
storage and serial transmission of configuration and
control information. Two modes of operation have been
implemented:
Transmit-only
mode
(1K-bit)
and
Bidirectional mode (2K-bit). Upon power-up, the device
will be in the Transmit-only mode, sending a serial bit
stream of the memory array from 00h to 7Fh, clocked by
the VCLK pin. A valid high-to-low transition on the SCL pin
will cause the device to enter the Transition mode, and
look for a valid control byte on the I2C bus. If it detects a
valid control byte from the master, it will switch into
Bidirectional mode, with byte selectable read/write
capability of the entire 2K memory array using SCL. If no
control byte is received, the device will revert to the
Transmit-only mode after it receives 128 consecutive
VCLK pulses while the SCL pin is idle. The 24LCS22A is
available in standard 8-pin DIP and SOIC packages. The
24LCS22A features a flexible Write-Protect pin which is
enabled by writing to address 7Fh (usually the checksum
in VESA® applications.
Package Types
Block Diagram
- Industrial (I)
-40°C
to +85°C
PDIP/SOIC
*NC
*NC
WP
VSS
1
2
3
4
8
7
6
5
VCC
VCLK
SCL
SDA
* Pins labeled ‘NC’ have no internal connection
HV Generator
EEPROM
Array
Page Latches
YDEC
XDEC
Sense Amp.
R/W Control
Memory
Control
Logic
I/O
Control
Logic
WP
SDA
SCL
Vcc
Vss
VCLK
2K VESA® E-EDID™ Serial EEPROM


Similar Part No. - 24LCS22A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LCS22A MICROCHIP-24LCS22A Datasheet
368Kb / 26P
2K VESA짰 E-EDID??Serial EEPROM
2009
24LCS22A MICROCHIP-24LCS22A Datasheet
1Mb / 16P
A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
3/10
24LCS22A-I/P MICROCHIP-24LCS22A-I/P Datasheet
368Kb / 26P
2K VESA짰 E-EDID??Serial EEPROM
2009
24LCS22A-I/SN MICROCHIP-24LCS22A-I/SN Datasheet
368Kb / 26P
2K VESA짰 E-EDID??Serial EEPROM
2009
24LCS22A-ISNG MICROCHIP-24LCS22A-ISNG Datasheet
365Kb / 26P
Single Supply with Operation Down to 2.5V
01/02/08
More results

Similar Description - 24LCS22A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC22A MICROCHIP-24LC22A Datasheet
312Kb / 24P
2K VESA E - EDID SERIAL EEPROM
2001
24AA02 MICROCHIP-24AA02_07 Datasheet
401Kb / 26P
2K I2C??Serial EEPROM
2007
24AA024 MICROCHIP-24AA024_09 Datasheet
522Kb / 30P
2K I2C??Serial EEPROM
2009
24AA02 MICROCHIP-24AA02_09 Datasheet
605Kb / 32P
2K I2C??Serial EEPROM
2009
24LCS22A MICROCHIP-24LCS22A_09 Datasheet
368Kb / 26P
2K VESA짰 E-EDID??Serial EEPROM
2009
24VL024 MICROCHIP-24VL024 Datasheet
488Kb / 30P
2K I2C??Serial EEPROM
2009
logo
Sanyo Semicon Device
LE24CBK22 SANYO-LE24CBK22 Datasheet
193Kb / 20P
Two Wire Serial Interface EEPROM (2K2K EEPROM)
logo
Microchip Technology
24LC22A-ISN MICROCHIP-24LC22A-ISN Datasheet
575Kb / 24P
2K VESA짰 E-EDID??Serial EEPROM
10/05/07
24LC22A-I MICROCHIP-24LC22A-I Datasheet
575Kb / 24P
2K VESA E-EDID Serial EEPROM
10/05/07
24LC02B-I MICROCHIP-24LC02B-I Datasheet
411Kb / 26P
2K I2C Serial EEPROM
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com